Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 1 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2884A Datasheet HTML 1Page - Monolithic Power Systems MP2884A Datasheet HTML 2Page - Monolithic Power Systems MP2884A Datasheet HTML 3Page - Monolithic Power Systems MP2884A Datasheet HTML 4Page - Monolithic Power Systems MP2884A Datasheet HTML 5Page - Monolithic Power Systems MP2884A Datasheet HTML 6Page - Monolithic Power Systems MP2884A Datasheet HTML 7Page - Monolithic Power Systems MP2884A Datasheet HTML 8Page - Monolithic Power Systems MP2884A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
MP2884A
Digital, Multi-Phase PWM Controller
with PMBus and PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
1
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
DESCRIPTION
The MP2884A is a digital, multi-phase, pulse-
width modulation (PWM) controller with digital
PWM-VID interface compatible with NVIDIA’s
Open VReg specification. The MP2884A can
work with MPS’s Intelli-Phase products to
complete the multi-phase voltage regulator (VR)
solution with minimal external components. The
MP2884A can be configured with up to 4-phase
operation.
The MP2884A provides an on-chip EEPROM to
store and restore device configurations. Device
configurations and fault parameters can be
easily programmed or monitored via the
PMBus/I2C
interface.
The
MP2884A
can
monitor and report the output current through
the CS output from the Intelli-Phase products.
The MP2884A is based on a unique, digital,
multi-phase, non-linear control and provides
fast transient response to the load transient with
minimal output capacitors. With only one
power-loop control method for both steady state
and
load
transient,
the
power
loop
compensation is very easy to configure.
The MP2884A is available in a QFN-40
(5mmx5mm) package.
FEATURES
 Programmable Multi-Phase up to Four
Phases
 PWM-VID Interface Compatible with NVIDIA
Open VReg Specification
 PMBus/I2C Compliant (1MHz Bus Speed)
 Pin Programmable for PMBus Address
 Built-In EEPROM to Store Custom
Configurations
 Switching Frequency Range 200kHz to
5MHz
 Automatic Loop Compensation
 Fewer External Components than
Conventional Analog Controller
 Best Transient Performance with Non-
Linear Digital Control
 Flexible Phase Assignment
 Auto-Phase Shedding to Improve Overall
Efficiency
 Phase-to-Phase Active Current Balancing
with Programmable Offsets for Thermal
Balance
 Output Voltage/Current, Input Voltage/
Power Monitoring
 Regulator Temperature Monitoring
 VIN UVLO, Output OVP/UVP, OCP, OTP
with No Action, Latch, Retry, or Hiccup
Mode Options
 Detecting for Intelli-Phase MOSFET Fault
Type and Auto-Record to EEPROM
 Register Map Password Lock
 Digital Load-Line Regulation
 Available in an RoHS Compliant QFN-40
(5mmx5mm) Package
APPLICATIONS
 Graphic Card Core Power
 Server Core Power
 Telecom and Networking Systems
 Base Stations
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.


Número de pieza similar - MP2884A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Monolithic Power System...
MP2884AGU MPS-MP2884AGU Datasheet
5Mb / 107P
Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
Rev. 1.01
More results

Descripción similar - MP2884A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
DS8813D RICHTEK-DS8813D Datasheet
359Kb / 23P
Multi-Phase PWM Controller with PWM-VID Reference
DS8817A RICHTEK-DS8817A Datasheet
351Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
DS8816A RICHTEK-DS8816A Datasheet
349Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
logo
Renesas Technology Corp
ISL68124 RENESAS-ISL68124 Datasheet
1Mb / 46P
Digital Dual Output, 4-Phase Configurable, PWM Controller with PMBus
ISL68127 RENESAS-ISL68127 Datasheet
1Mb / 47P
Digital Dual Output, 7-Phase Configurable, PWM Controller with PMBus
logo
Richtek Technology Corp...
RT8816C RICHTEK-RT8816C Datasheet
374Kb / 23P
Dual-Phase PWM Controller with PWM-VID Reference
January 2021
RT8820A RICHTEK-RT8820A Datasheet
361Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
February 2020
RT8845B RICHTEK-RT8845B Datasheet
494Kb / 25P
Multi-Phase PWM Controller with PWM-VID Reference
January 2021
RT8848A RICHTEK-RT8848A Datasheet
3Mb / 78P
Multi-Phase PWM Controller with PWM-VID Reference
February 2021
RT8816A RICHTEK-RT8816A Datasheet
352Kb / 21P
Dual-Phase PWM Controller with PWM-VID Reference
March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com