Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 7 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 3Page - Monolithic Power Systems MP2884A Datasheet HTML 4Page - Monolithic Power Systems MP2884A Datasheet HTML 5Page - Monolithic Power Systems MP2884A Datasheet HTML 6Page - Monolithic Power Systems MP2884A Datasheet HTML 7Page - Monolithic Power Systems MP2884A Datasheet HTML 8Page - Monolithic Power Systems MP2884A Datasheet HTML 9Page - Monolithic Power Systems MP2884A Datasheet HTML 10Page - Monolithic Power Systems MP2884A Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
7
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD33 = 3.3V, EN = 1V, current going into the pin is positive. Typical values are at TA = 25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Comparator (Protection)
Under-voltage threshold
Relative to reference DAC
voltage (2Ch bit[2:0] = 3b'001)
−190
mV
Relative to reference DAC
voltage (2Ch bit[2:0] = 3b'010)
−310
mV
Relative to reference DAC
voltage (2Ch bit[2:0] = 3b'100)
−430
mV
Over-voltage threshold
Relative to reference DAC
voltage (2Ch bit[2:0] = 3b'001)
190
mV
Relative to reference DAC
voltage (2Ch bit[2:0] = 3b'010)
310
mV
Relative to reference DAC
voltage (2Ch bit[2:0] = 3b'100)
430
mV
VDD33 Supply
Supply voltage range
VDD33
3.0
3.3
3.6
V
Supply current
IVDD33
EN = high or programmed as
non-low-power mode
30
mA
EN = 0 and programmed as
low-power mode
150
µA
UVLO threshold voltage
VDD33UVLO VDD33 is rising
2.88
2.98
V
VDD33UVLO VDD33 is falling
2.68
2.80
V
1.8V Regulator
1.8V regulator output voltage
VDD18
IVDD18 = 0mA
1.8
V
1.8v regulator load capability
IVDD18
VOL = VDD18 - 40mV
30
mA
ADC
ADC voltage reference
1.592
1.6
1.608
V
ADC resolution (6)
10
bits
DNL(6)
1
LSB
Sample rate (6)
700
kHz
DAC (Reference Voltage)
DAC voltage reference
FSADC
1.7
V
Resolution/LSB
∆ADC
6.25
mV
Max output voltage slew rate
(6)
50
mV/μs
OC_DAC (Protection)
Range (6)
FSDAC_PRT Adjustable via the PMBus
0.17
2.72
V
Resolution/LSB (6)
∆DAC_PRT
10
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com