Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 28 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 28 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 24Page - Monolithic Power Systems MP2884A Datasheet HTML 25Page - Monolithic Power Systems MP2884A Datasheet HTML 26Page - Monolithic Power Systems MP2884A Datasheet HTML 27Page - Monolithic Power Systems MP2884A Datasheet HTML 28Page - Monolithic Power Systems MP2884A Datasheet HTML 29Page - Monolithic Power Systems MP2884A Datasheet HTML 30Page - Monolithic Power Systems MP2884A Datasheet HTML 31Page - Monolithic Power Systems MP2884A Datasheet HTML 32Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
28
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PMBus Communication Failure
A data transmission fault occurs when the data
is not transferred properly between the devices.
There are several types of data transmission
faults listed below.
Sending too few data
Reading too few data
Master sending too many bytes
The MP2884A reading too many bytes
Improperly set read bit in the address byte
Unsupported command code
The CLEAR_FAULTS (03h) command can be
used to clear the fault record.
PMBus/I2C Transmission Structure
The
MP2884A
supports
five
kinds
of
transmission structures with or without PEC.
1. Send command only
2. Write byte
3. Write word
4. Read byte
5. Read word
The MP2884A can support the packet error
checking (PEC) mechanism, which can improve
reliability and communication robustness. The
PEC is a CRC-8 error-checking byte calculated
on all the message bytes (including addresses
and read/write bits). The MP2884A only
processes the message if the PEC is correct.
The PEC is calculated in CRC-8 represented by
the polynomial in Equation (14):
    
8
2
1
C x
x
x
x
1
(14)
Figure 17a shows the supported PMBus/I2C
transmission structure without PEC. Figure 17b
shows the supported PMBus/I2C transmission
structure with PEC.
To read or write registers of the MP2884A, the
PMBus/I2C command must be compliant with
the byte number of the registers in the table of
the register map.
Figure 17a: Supported PMBus/I2C Transmission Structure without PEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com