Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 21 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 17Page - Monolithic Power Systems MP2884A Datasheet HTML 18Page - Monolithic Power Systems MP2884A Datasheet HTML 19Page - Monolithic Power Systems MP2884A Datasheet HTML 20Page - Monolithic Power Systems MP2884A Datasheet HTML 21Page - Monolithic Power Systems MP2884A Datasheet HTML 22Page - Monolithic Power Systems MP2884A Datasheet HTML 23Page - Monolithic Power Systems MP2884A Datasheet HTML 24Page - Monolithic Power Systems MP2884A Datasheet HTML 25Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
21
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Figure 11a: MP2884A Power-On Sequence at Regular-Power Mode
Figure 11b shows the power-on sequence of
the MP2884A in low-power mode.
t0~t1: at t0, VDD33 is supplied by a +3.3V
voltage and reaches the VDD33 UVLO_ON
threshold at t1. VDD18 reaches +1.8V when
VDD33 is greater than 1.8V.
t1~t2: after t1, VDD33 rises above the
UVLO_ON threshold, and the MP2884A waits
for EN to pull high. The PMBus is unavailable at
this stage.
t2~t3: at t2, EN pulls high, the data in the
EEPROM starts loading into the operating
registers. The entire EEPROM copy process
takes about 300µs, typically. During this stage,
the PMBus address is detected if the voltage on
ADDR is selected to set the PMBus address.
t3~t4: after the EEPROM copy is finished, if the
PMBus command OPERATION (01h) is pre-set
to an off state. The MP2884A halts at this stage
and waits for an OPERATION on command. If
OPERATION (01h) is pre-programmed to an on
state, the turn-on delay time (TON delay) begins
counting.
The
TON
delay
is
PMBus-
programmable from 0 to 3276.75ms with the
command TON_DELAY (60h).
t4~t5: when the TON delay time expires, the VID-
DAC starts ramping up VREF with a programmed
slew rate to the boot-up voltage. During soft
start, OCP_Total, OVP, and UVP are masked
until VREF reaches the target value.
In PWM-VID mode, before t5, PWM-VID should
remain at Hi-Z.
Figure 11b: MP2884A Power-On Sequence at Low-Power Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com