Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 13 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 9Page - Monolithic Power Systems MP2884A Datasheet HTML 10Page - Monolithic Power Systems MP2884A Datasheet HTML 11Page - Monolithic Power Systems MP2884A Datasheet HTML 12Page - Monolithic Power Systems MP2884A Datasheet HTML 13Page - Monolithic Power Systems MP2884A Datasheet HTML 14Page - Monolithic Power Systems MP2884A Datasheet HTML 15Page - Monolithic Power Systems MP2884A Datasheet HTML 16Page - Monolithic Power Systems MP2884A Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
13
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
OPERATION
The MP2884A is a single-output, digital, multi-
phase voltage regulator (VR) controller for high-
performance GPU or CPU. It supports PWM-
VID’s controllable VOUT reference and is
compliant
with
NVIDIA’s
Open
VReg
specification.
The MP2884A uses MPS’s unique loop
compensation strategy to balance and optimize
steady and transient performance. It also
adopts adaptive phase-shedding and phase-
adding strategies to optimize the overall VR
efficiency according to the load current.
The MP2884A contains precision DAC and
ADC, differential remote voltage sense amplifier,
fast comparators, current-sense amplifiers,
internal slope compensation, digital load-line
setting, power good monitor, and temperature
monitor.
The MP2884A provides rich programmable
functions with the PMBus 1.3 interface. On-chip
EEPROM
is
flexible
for
storing
custom
configurations and auto-records the fault type
when a protection occurs.
Fault protection features include VIN under-
voltage lockout (UVLO), VIN over-voltage
protection (OVP), VOUT OVP, VOUT under-
voltage protection (UVP), VOUT reverse-voltage
protection (RVP), output over-current protection
(OCP), and over-temperature protection (OTP).
PMBus-programmable functions include phase
assignment, switching frequency, reference
voltage, loop stability parameters, protection
thresholds and behaviors, load-line parameters,
and so on.
The MP2884A can also detect the fault type of
the Intelli-Phase when a protection occurs. The
MP2884A can record all faults into the
EEPROM automatically in case the power
supply shuts off while the fault is occurring.
The MP2884A system state machine is shown
in Figure 2.
Figure 2: System State Machine
PWM Control and Switching Frequency
The MP2884A applies MPS’s unique digital
pulse-width modulation (PWM) control to
provide fast load transient response and easy
loop compensation. The switching frequency
can be set with the PMBus command MFR_FS
(BDh).
The PWM on time of each phase updates in
real time according to the input voltage, output
voltage, and the phase switching frequency
adaptively. TON can be calculated with Equation
(1):
OUT
on
IN
s
V
1
T
VF
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com