Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 6 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 2Page - Monolithic Power Systems MP2884A Datasheet HTML 3Page - Monolithic Power Systems MP2884A Datasheet HTML 4Page - Monolithic Power Systems MP2884A Datasheet HTML 5Page - Monolithic Power Systems MP2884A Datasheet HTML 6Page - Monolithic Power Systems MP2884A Datasheet HTML 7Page - Monolithic Power Systems MP2884A Datasheet HTML 8Page - Monolithic Power Systems MP2884A Datasheet HTML 9Page - Monolithic Power Systems MP2884A Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
6
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD33 = 3.3V, EN = 1V, current going into the pin is positive. Typical values are at TA = 25°C.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Remote Sense Amplifier
Bandwidth (6)
GBW(RSA)
20
MHz
VORTN current
I
VORTN
EN = 1V, VOSEN = 3V,
VORTN = 0V
-38
μA
VOSEN current
I
VOSEN
EN = 1V, VOSEN = 3V,
VORTN = 0V
38
μA
Oscillator
Frequency
f
OSC
VIREF = 1.23V, RIREF = 61.9kΩ
1.56
MHz
System Interface Control Inputs
Enable (EN)
Input low voltage
VIL(EN)
0.4
V
Input high voltage
VIH(EN)
0.8
V
Enable high leakage
IIH(EN)
EN = 2V
2.3
µA
IMON Output
Current gain
IMON/ICS_SUM
Measured from ICSSUM to IMON,
ICS_SUM = -2mA
1:16
µA/µA
Current gain accuracy
-1
1
%
PWM-VID
Input low voltage
PWMVIDL
0.4
V
Input mid-state
PWMHIZ
0.9
V
Input high voltage
PWMVIDH
1.4
V
PSI
Input low voltage
PSIL
0.4
V
Input mid-state
PSIM
0.9
V
Input high voltage
PSIH
1.4
V
PWM Outputs
Output low voltage
VOL (PWM)
IPWM(SINK) = 400µA
10
200
mV
Output middle voltage
VOM (PWM)
IPWM(SOURCE) = -100µA
1.36
V
Output high voltage
VOH (PWM)
IPWM(SOURCE) = -400µA
3.15
VDD33
-0.02
V
Rise and fall time (6)
C = 10pF
10
ns
PWM tri-state leakage
PWM = 1.5V, EN = 0V
-1
1
µA
PWM fault detection source
current (6)
Isource(PWM)
Enter PWM fault detect mode
150
µA
TSNS
Current source
ITSNS
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com