Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 4 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2884A Datasheet HTML 1Page - Monolithic Power Systems MP2884A Datasheet HTML 2Page - Monolithic Power Systems MP2884A Datasheet HTML 3Page - Monolithic Power Systems MP2884A Datasheet HTML 4Page - Monolithic Power Systems MP2884A Datasheet HTML 5Page - Monolithic Power Systems MP2884A Datasheet HTML 6Page - Monolithic Power Systems MP2884A Datasheet HTML 7Page - Monolithic Power Systems MP2884A Datasheet HTML 8Page - Monolithic Power Systems MP2884A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
4
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Type (1)
Description
1
TALERT#
D [O]
Open-drain VR thermal indicator. TALERT# is pulled low if the
temperature exceeds the programmed threshold from either VTEMP or
TSNS.
2
T1
D [O]
Test pin 1. Leave T1 floating.
3
T2
D [O]
Test pin 2. Leave T2 floating.
4
T3
D [O]
Test pin 3. Leave T3 floating.
5 - 7
NC
D [O]
No connection. Leave NC floating.
8
PWM4
D [O]
Tri-state logic-level PWM outputs. Each output is connected to the
PWM input of the Intelli-Phase. The low logic level is 0V. The high logic
level is 3.3V. The mid-state logic level is 1.5V (or high impedance). Float
PWMx if it is not being used.
9
PWM3
D [O]
10
PWM2
D [O]
11
PWM1
D [O]
12
VDD33
Power
3.3V power supply input. Connect a 1µF bypass capacitor from VDD33
to AGND.
13 - 16
NC
A [I]
No connection. Leave NC floating.
17
CS4
A [I]
Phase 1~4 current sense input. Short CSx to AGND or CSSUM if it is
not being used.
18
CS3
A [I]
19
CS2
A [I]
20
CS1
A [I]
21
CSSUM
A [I]
Total phase current sensing input. CSSUM is used for load-line and
over-current protections. Connect the active phases' CS signals together
to CSSUM through the current-sense resistors.
22
VINSEN
A [I]
Input voltage sensing. Place a resistor divider from the power stage
(VIN) to VINSEN.
23
VDD18
Power
1.8V LDO output. VDD18 provides a power supply for the internal
digital circuit. Connect a 1µF bypass capacitor from VDD18 to AGND.
24
ADDR
A [I]
PMBus address setting.
25
IMON
A [I/O]
Analog total average current sensing signal. IMON sources a current
proportional to the sensed total average current from CSSUM. IMON is
used for load-current reporting.
26
IREF
A [I/O]
Internal bias current set. Connect a 61.9kΩ, 1% accuracy resistor from
IREF to AGND.
27
T4
A [I]
Test pin 4. Short T4 to AGND.
28
VDIFF
A [O]
Output of the differential remote sense amplifier.
29
VFB
A [I/O]
Feedback. VFB sources a current (Idroop) proportional to the sensed
output current. This current flows through the resistor (Rdroop) between
VFB and VDIFF to create a voltage drop proportional to the load current
to achieve the load-line function.
30
T5
A [I]
Test pin 5. Short T5 to AGND.
31
VOSEN
A [I]
Remote voltage sensing positive input. VOSEN is connected to the
VR output voltage directly at the load. Route VOSEN with VORTN
differentially.
32
VORTN
A [I]
Remote voltage sensing return input. VORTN is connected to the
ground directly at the load. Route VORTN with VOSEN differentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com