Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 76 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 76 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 72Page - Monolithic Power Systems MP2884A Datasheet HTML 73Page - Monolithic Power Systems MP2884A Datasheet HTML 74Page - Monolithic Power Systems MP2884A Datasheet HTML 75Page - Monolithic Power Systems MP2884A Datasheet HTML 76Page - Monolithic Power Systems MP2884A Datasheet HTML 77Page - Monolithic Power Systems MP2884A Datasheet HTML 78Page - Monolithic Power Systems MP2884A Datasheet HTML 79Page - Monolithic Power Systems MP2884A Datasheet HTML 80Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
76
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
MFR_PWMVID_MAX_DUTY (B0h)
This register sets the PWM-VID on-time threshold used to indicate 100% PWM-VID duty.
Command
MFR_PWMVID_MAX_DUTY
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
x
x
x
x
x
PWMVID_MAX_DUTY
Bits
Bit Name
Description
15:10
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
9:1
PWMVID_MAX_DUTY
PWM-VID on-time threshold to indicate 100% PWM-VID duty. When the
detected PWM-VID on time is greater than this threshold, the controller considers
the current PWM-VID duty to be 100%. 10ns/LSB.
0
PWMVID_HIGHLOW_
DET_EN
Enable bit for PWM-VID constant high/low detection.
0: disable
1: enable
MFR_PWMVID_FLTR_CTRL1 (B1h)
This register sets the performance of the digital PWM-VID filters.
Command
MFR_PWMVID_FLTR_CTRL1
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Bits
Bit Name
Description
15:13
DVID_DOWN_START_
THRE
Threshold for the downward DVID starting indicator (DVID_TRIG_MODE = 0).
When VOUT is settled, the controller uses the output of the second-stage filter as
VO_REF. When the calculated VID_TARGET is less than the current VO_REF -
DVID_DOWN_START_THRE, the controller enters the downward DVID, and
VO_REF switches to the first-stage filter output.
DVID_DOWN_START_THRE must be greater than DVID_DOWN_END_THRE.
12:10
DVID_UP_START_
THRE
Threshold for the upward DVID starting indicator (DVID_TRIG_MODE = 0).
When VOUT is settled, the controller uses the output of the second-stage filter as
VO_REF. When the calculated VID_TARGET is greater than the current
VO_REF + DVID_UP_START_THRE, the controller enters the upward DVID,
and VO_REF switches to the output of the first-stage filter.
DVID_UP_START_THRE must be greater than DVID_UP_END_THRE.
9:7
DVID_DOWN_END_
THRE
Threshold for the downward DVID ending indicator. During the downward DVID,
the controller uses the output of the first-stage filter as VO_REF. When the
current
VO_REF
is
less
than
the
calculated
VID_TARGET
+
DVID_DOWN_END_THRE, this bit switches to the output of the second-stage
filter.
DVID_DOWN_START_THRE must be greater than DVID_DOWN_END_THRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com