Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 35 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 31Page - Monolithic Power Systems MP2884A Datasheet HTML 32Page - Monolithic Power Systems MP2884A Datasheet HTML 33Page - Monolithic Power Systems MP2884A Datasheet HTML 34Page - Monolithic Power Systems MP2884A Datasheet HTML 35Page - Monolithic Power Systems MP2884A Datasheet HTML 36Page - Monolithic Power Systems MP2884A Datasheet HTML 37Page - Monolithic Power Systems MP2884A Datasheet HTML 38Page - Monolithic Power Systems MP2884A Datasheet HTML 39Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
35
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PAGE 0 REGISTER MAP
PAGE (00h)
The PAGE command provides the ability to configure, control, and monitor all registers, including test
mode and the EEPROM, through only one physical address.
Command
PAGE
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
X
X
PAGE
Bits
Bit Name
Description
7:6
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
5:0
PAGE
Register page selector.
00(hex): Page 0, all PMBus commands address normal function registers
02(hex): Page 2, all PMBus commands address test mode registers
28(hex): Page 28, all PMBus commands address EEPROM registers (00h~FFh)
29(hex): Page 29, all PMBus commands address EEPROM registers
(100h~1FFh)
EE_WORD_WR_EN = 1: Page 28/Page 29 is accessible
EE_WORD_WR_EN = 0: Page 28/Page 29 is not accessible
EE_WORD_WR_EN is bit[2] of MFR_EEPROM_CTRL (06h)
OPERATION (01h)
This register is used to turn the output on or off when EN is high. OPERATION is also used to set the
output voltage to the upper or lower MARGIN voltages.
Command
OPERATION
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
OPERATION_MODE
Bits
Bit Name
Description
7:0
OPERATION_MODE
Operation mode.
00xxxxxx: Hi-Z off
01xxxxxx: soft off
1000xxxx: normal on
1001xxxx: margin low
1010xxxx: margin high
The value of “x” does not matter.
CLEAR_FAULTS (03h)
The CLEAR_FAULTS command is used to clear any fault bits in all status registers (STATUS_BYTE,
STATUS_WORD, STATUS_VOUT, STATUS_IOUT, STATUS_INPUT, STATUS_TEMPERATURE,
and STATUS_CML).
This command is write only. There is no data byte for this command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com