Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 5 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2884A Datasheet HTML 1Page - Monolithic Power Systems MP2884A Datasheet HTML 2Page - Monolithic Power Systems MP2884A Datasheet HTML 3Page - Monolithic Power Systems MP2884A Datasheet HTML 4Page - Monolithic Power Systems MP2884A Datasheet HTML 5Page - Monolithic Power Systems MP2884A Datasheet HTML 6Page - Monolithic Power Systems MP2884A Datasheet HTML 7Page - Monolithic Power Systems MP2884A Datasheet HTML 8Page - Monolithic Power Systems MP2884A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
5
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Package
Pin #
Name
Type (1)
Description
33
TSNS/BOOT
A [I/O]
Thermistor thermal sensing input or boot voltage setting.
TSNS/BOOT can be programmed for either thermistor thermal sensing
or boot voltage setting.
When used as TSNS, the controller compares the voltage of
TSNS/BOOT to an internal programmable threshold. Once triggered,
TALERT# is asserted, and the VR enters a pre-programmed protection
mode.
When used as BOOT, a voltage divider is required from VDD18 to
TSNS/BOOT to set the boot voltage.
34
SDA
D [I/O]
PMBus data.
35
SCL
D [I]
PMBus clock.
36
EN
D [I]
Enable control.
37
PSI
A [I]
Power saving interface. 1.8V logic. When PSI is 1, all phases have
forced continuous conduction mode (CCM). When PSI is 0, there is an
adjustable low-phase count. When PSI is in Hi-Z, auto-phase-shedding
is enabled.
38
PGOOD
D [O]
Power good indication. PGOOD is an open-drain output. PGOOD
asserts when the output voltage is in regulation.
39
PWMVID
A [I]
PWM-VID signal input. PWMVID is a 1.8V logic. Connect the PWM-
VID signal to PWMVID. The VR calculates the target VID based on the
duty.
40
VTEMP
A [I]
Analog signal from the VR to the controller. VTEMP indicates the
maximum temperature of the power stages. The MP2884A supports
temperature sensing from the Intelli-Phase power stages. Tie all
temperature reporting pins from the Intelli-Phase together to produce
the maximum value on the VTEMP bus.
PAD
AGND
Power
Analog ground.
NOTE:
1) A = analog, D = digital, I = input, O = output, I/O = bidirectional.
ABSOLUTE MAXIMUM RATINGS (2)
VDD33.......................................... -0.3V to +4.0V
VDD18.......................................... -0.3V to +2.0V
CS1~4, PWM1~4, VFB, VDIFF, VOSEN,
VORTN,
PGOOD,
PSI,
SCL,
SDA,
TSNS/BOOT,
TALERT#,
PWMVID,
EN,
VTEMP......................................... -0.3V to +4.0V
CSSUM, IMON, IREF, VINSEN, ADDR ..............
...................................................... -0.3V to +2.0V
Junction temperature ................................ 150°C
Lead temperature...................................... 260°C
Continuous power dissipation (3) ..............3.47W
Recommended Operating Conditions (4)
Supply voltage (VIN) ...................... +3.0V to 3.6V
Operating junction temp. (TJ)....-40°C to +125°C
Thermal Resistance (5)
θJA
θJC
QFN-40 (5mmx5mm)............. 36 ....... 5 ....°C/W
NOTES:
2)
Exceeding these ratings may damage the device.
3)
The maximum allowable power dissipation is a function of
the maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature.
4)
The device is not guaranteed to function outside of its
operating conditions.
5)
Measured on JESD51-7, 6-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com