Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 32 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 32 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 28Page - Monolithic Power Systems MP2884A Datasheet HTML 29Page - Monolithic Power Systems MP2884A Datasheet HTML 30Page - Monolithic Power Systems MP2884A Datasheet HTML 31Page - Monolithic Power Systems MP2884A Datasheet HTML 32Page - Monolithic Power Systems MP2884A Datasheet HTML 33Page - Monolithic Power Systems MP2884A Datasheet HTML 34Page - Monolithic Power Systems MP2884A Datasheet HTML 35Page - Monolithic Power Systems MP2884A Datasheet HTML 36Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
32
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
PMBUS COMMANDS @ PAGE 0 (continued)
Command Code
Command Name
Type
Bytes
45h
MFR_VR_CONFIG3
r/w
2
46h
CONFIG_ID
r/w
2
47h
CONFIG_REV_MPS
r/w
2
4Ah
IOUT_OC_WARN_LIMIT
r/w
2
4Ch
MFR_CS_OFFSET1
r/w
2
4Dh
MFR_CS_OFFSET2
r/w
2
4Eh
MFR_CS_OFFSET3
r/w
2
51h
OT_WARN_LIMIT
r/w
2
55h
VIN_OV_FAULT_LIMIT
r/w
2
58h
VIN_UV_WARN_LIMIT
r/w
2
5Dh
MFR_DELAY_SET
r/w
2
5Eh
POWER_GOOD_ON
r/w
2
5Fh
POWER_GOOD_OFF
r/w
2
60h
TON_DELAY
r/w
2
64h
TOFF_DELAY
r/w
2
6Ah
POUT_OP_WARN_LIMIT
r/w
2
6Bh
START_CATCH_AVE
Send
0
73h
READ_CS1_2
r
2
74h
READ_CS3_4
r
2
75h
READ_CS5_6
r
2
76h
READ_CS7_8
r
2
77h
READ_CS9_10
r
2
78h
STATUS_BYTE
r
1
79h
STATUS_WORD
r
2
7Ah
STATUS_VOUT
r
1
7Bh
STATUS_IOUT
r
1
7Ch
STATUS_INPUT
r
1
7Dh
STATUS_TEMPERATURE
r
1
7Eh
STATUS_CML
r
1
88h
READ_VIN
r
2
8Bh
READ_VOUT
r
2
8Ch
READ_IOUT
r
2
8Dh
READ_TEMPERATURE
r
2
95h
READ_EFFICIENCY
r
2
96h
READ_POUT
r
2
97h
READ_PIN
r
2
A3h
MFR_APS_FS_LIMIT1
r/w
2
A4h
MFR_APS_FS_LIMIT2
r/w
2
A5h
MFR_APS_FS_LIMIT3
r/w
2
A6h
MFR_APS_FS_LIMIT4
r/w
2
A7h
MFR_APS_FS_CTRL1
r/w
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com