Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 64 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 64 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 60Page - Monolithic Power Systems MP2884A Datasheet HTML 61Page - Monolithic Power Systems MP2884A Datasheet HTML 62Page - Monolithic Power Systems MP2884A Datasheet HTML 63Page - Monolithic Power Systems MP2884A Datasheet HTML 64Page - Monolithic Power Systems MP2884A Datasheet HTML 65Page - Monolithic Power Systems MP2884A Datasheet HTML 66Page - Monolithic Power Systems MP2884A Datasheet HTML 67Page - Monolithic Power Systems MP2884A Datasheet HTML 68Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
64
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
STATUS_WORD (79h)
This register returns two bytes of information for fault statuses. Based on this information, the host can
get more information by reading the appropriate status registers. The low byte of STATUS_WORD is
the same as the STATUS_BYTE register.
Command
STATUS_WORD
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
r
Function
x
x
x
x
Bits
Bit Name
Description
15
VOUT
Once output OVP, UVP, or a warning occurs, this bit is set. This bit is in latch
mode. The CLEAR_FAULTS command can reset this bit.
14
IOUT/POUT
Once output OCP, over-power protection (OPP), or a warning occurs, this bit is
set. This bit is in latch mode. The CLEAR_FAULTS command can reset this bit.
13
INPUT
Once any protection or warning of the input voltage, input current, or input power
occurs, this bit is set. This bit is in latch mode. The CLEAR_FAULTS command
can reset this bit.
12
READ_DATA_RDY
When READ_PIN, READ_POUT, or READ_EFFECIENCY uses average window
mode and once the average window calculation is done, the data is ready in the
resistor, and this bit is set. Sending the command START_CATCH_AVE triggers
a new averaging process and resets this bit.
11
POWER_GOOD
When VOUT rises higher than the POWER_GOOD_ON level during the soft-start
process and the delay time is reached, this bit is asserted. This bit is in live
mode.
10:9
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
8
WATCH_DOG_OVF
The monitor value calculation has a watchdog timer. If the timer expires, the
monitor value calculation state machine and the timer are reset. Meanwhile, this
bit is set. This bit is in latch mode. The CLEAR_FAULTS command can reset this
bit
7
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
6
OFF
This bit is asserted if the unit is not providing power to the output. This bit is in
live mode.
5
VOUT_OV_FAULT
Once output OVP occurs, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
4
IOUT_OC_FAULT
Once output OCP occurs, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
3
VIN_UV_FAULT
Once input UVP occurs, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
2
TEMPERATURE
Once OTP or a warning occurs, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
1
CML
Once a communication, memory, or logic fault occurs, this bit is set. This bit is in
latch mode. The CLEAR_FAULTS command can reset this bit.
0
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com