Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 65 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 65 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 61Page - Monolithic Power Systems MP2884A Datasheet HTML 62Page - Monolithic Power Systems MP2884A Datasheet HTML 63Page - Monolithic Power Systems MP2884A Datasheet HTML 64Page - Monolithic Power Systems MP2884A Datasheet HTML 65Page - Monolithic Power Systems MP2884A Datasheet HTML 66Page - Monolithic Power Systems MP2884A Datasheet HTML 67Page - Monolithic Power Systems MP2884A Datasheet HTML 68Page - Monolithic Power Systems MP2884A Datasheet HTML 69Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
65
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
STATUS_VOUT (7Ah)
This register records the fault and warning status of the output voltage.
Command
STATUS_VOUT
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Function
x
x
Bits
Bit Name
Description
7
VOUT_OV_FAULT
Once output OVP occurs, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
6
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
5
VOUT_UV_WARNING
Once an output over-voltage warning occurs, this bit is set. This bit is in latch
mode. The CLEAR_FAULTS command can reset this bit.
4
VOUT_UV_FAULT
Once output UVP occurs, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
3
VOUT_MAX_MIN_
WARNING
Once
the
value
of
the
PMBus
command
VOUT_COMMAND,
VOUT_MARGIN_HIGH, or VOUT_MARGIN_LOW exceeds VOUT_MAX or
VOUT_MIN, this bit is set. This bit is in latch mode. The CLEAR_FAULTS
command can reset this bit.
2
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
1
LINE_FLOAT
During the EEPROM restore process after the chip powers on, the controller can
check if the output voltage remote sense pin is floating with this function enabled.
Once the controller detects that VOSEN is floating, it enters shutdown mode, and
this bit is set.
0
VDIFF_FAULT
During the soft-start process, once the MP2884A detects that VOSEN is greater
than VDIFF by 0.5V, the VR is shut down immediately, and this bit is set.
STATUS_IOUT (7Bh)
This register records the fault and warning status of the output current.
Command
STATUS_IOUT
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Function
x
x
x
x
Bits
Bit Name
Description
7
IOUT_OC_FAULT
Once output OCP occurs, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
6
OC_UV_FAULT
If both output OCP and OVP occur, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
5
IOUT_OC_WARNING
Once an output OC warning occurs, this bit is set. This bit is in latch mode. The
CLEAR_FAULTS command can reset this bit.
4:1
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
0
POUT_OP_WARNING
Once output over-power protection (OPP) occurs, this bit is set. This bit is in
latch mode. The CLEAR_FAULTS command can reset this bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com