Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 46 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 46 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 42Page - Monolithic Power Systems MP2884A Datasheet HTML 43Page - Monolithic Power Systems MP2884A Datasheet HTML 44Page - Monolithic Power Systems MP2884A Datasheet HTML 45Page - Monolithic Power Systems MP2884A Datasheet HTML 46Page - Monolithic Power Systems MP2884A Datasheet HTML 47Page - Monolithic Power Systems MP2884A Datasheet HTML 48Page - Monolithic Power Systems MP2884A Datasheet HTML 49Page - Monolithic Power Systems MP2884A Datasheet HTML 50Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
46
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
5
PHASE_CNT_HOLD_
CB_EN
Enable bit for holding the CB loop for a certain amount of time when the phase
count changes.
0: disable
1: enable
4
DVID_HOLD_CB_EN
Enable bit for holding the CB loop for a certain amount of time during DVID.
0: disable
1: enable
3:0
CB_LOOP_HOLD_TIME
Current balance loop holding time. 100µs/LSB.
MFR_FS_LOOP_CTRL (32h)
This register is used for PWM frequency loop setting.
Command
MFR_FS_LOOP_CTRL
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
FS_LOOP_HOLD_TIME
FS_LOOP_KI
Bits
Bit Name
Description
15
RESERVED
Unused. X indicates that writes are ignored and always read as 0.
14
VFB_HOLD_FS_EN
Enable bit for holding the frequency loop for a certain amount of time when VFB
exceeds the VO_REF - 25mV or VO_REF + 20mV threshold.
0: disable
1: enable
13
PHASE_CNT_HOLD_FS
_EN
Enable bit for holding the frequency loop for a certain amount of time when the
phase count changes.
0: disable
1: enable
12
DVID_HOLD_FS_EN
Enable bit for holding the frequency loop for a certain amount of time during
DVID.
0: disable
1: enable
11:8
FS_LOOP_HOLD_TIME
Frequency loop holding time. 100µs/LSB.
7
FS_LOOP_EN
Enable bit for the PWM frequency loop.
0: disable
1: enable
6:0
FS_LOOP_KI
PWM frequency loop integral parameter.
MFR_T_ALERT_CTRL (34h)
This register sets the thermal alert pin (TALERT#) behavior.
Command
MFR_T_ALERT_CTRL
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
x
T_ALT_DELAY
TSNS_T_ALT_THRE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com