Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 45 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 45 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 41Page - Monolithic Power Systems MP2884A Datasheet HTML 42Page - Monolithic Power Systems MP2884A Datasheet HTML 43Page - Monolithic Power Systems MP2884A Datasheet HTML 44Page - Monolithic Power Systems MP2884A Datasheet HTML 45Page - Monolithic Power Systems MP2884A Datasheet HTML 46Page - Monolithic Power Systems MP2884A Datasheet HTML 47Page - Monolithic Power Systems MP2884A Datasheet HTML 48Page - Monolithic Power Systems MP2884A Datasheet HTML 49Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
45
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Bits
Bit Name
Description
15
FREQ_ADD_PHASE_
MODE
Mode selector for adding phases due to the PWM frequency increasing. When
the controller runs in auto-phase shedding mode, it enters full-phase CCM if it
detects that the PWM frequency has risen higher than the setting limit due to the
load increasing.
0: idle PWMs switch from Hi-Z to low
1: idle PWMs switch from Hi-Z to high
14
UV_ADD_PHASE_
MODE
Mode selector for adding phases due to VFB dropping. When the controller runs
in auto-phase-shedding mode, it enters full-phase CCM if it detects that VFB has
dropped below VO_REF - 25mV due to the load increasing.
0: idle PWMs switch from Hi-Z to low
1: idle PWMs switch from Hi-Z to high
13:7
PWM_PRD_ERROR_
THRE
PWM period error threshold for holding the DC loop and current balance loop.
When the actual PWM period has a deviation from the configured period, either
the positive or negative deviation exceeds this threshold. The DC loop and
current balance loop are held. 80ns/LSB.
6
PRD_HOLD_DC_EN
Enable bit for holding the DC loop for a certain amount of time when the error of
the PWM period exceeds the threshold PWM_PRD_ERROR_THRE.
0: disable
1: enable
This function needs another condition. See MFR_PWM_LIMIT (3Fh) bit[10:7].
5
PHASE_CNT_
HOLD_DC_EN
Enable bit for holding the DC loop for a certain amount of time when the phase-
count changes.
0: disable
1: enable
4
VFB_HOLD_DC_EN
Enable bit for holding the DC loop for a certain amount of time when VFB
exceeds the VO_REF - 25mV or VO_REF + 20mV threshold.
0: disable
1: enable
3:0
DC_LOOP_HOLD_TIME
DC loop holding time. 100µs/LSB.
MFR_CB_LOOP_CTRL (31h)
This register sets the current balance (CB) loop performance.
Command
MFR_CB_LOOP_CTRL
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
CB_LOOP_HOLD_TIME
Bits
Bit Name
Description
7
VFB_HOLD_CB_EN
Enable bit for holding the CB loop for a certain amount of time when VFB
exceeds the VO_REF - 25mV or VO_REF + 20mV threshold.
0: disable
1: enable
6
PRD_HOLD_CB_EN
Enable bit for holding the CB loop for a certain amount of time when the error of
the PWM period exceeds the threshold PWM_PRD_ERROR_THRE.
0: disable
1: enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com