Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MP2884A Datasheet(PDF) 42 Page - Monolithic Power Systems

No. de pieza MP2884A
Descripción Electrónicos  Digital, Multi-Phase PWM Controller with PMBus and PWM-VID
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MPS [Monolithic Power Systems]
Página de inicio  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2884A Datasheet(HTML) 42 Page - Monolithic Power Systems

Back Button MP2884A Datasheet HTML 38Page - Monolithic Power Systems MP2884A Datasheet HTML 39Page - Monolithic Power Systems MP2884A Datasheet HTML 40Page - Monolithic Power Systems MP2884A Datasheet HTML 41Page - Monolithic Power Systems MP2884A Datasheet HTML 42Page - Monolithic Power Systems MP2884A Datasheet HTML 43Page - Monolithic Power Systems MP2884A Datasheet HTML 44Page - Monolithic Power Systems MP2884A Datasheet HTML 45Page - Monolithic Power Systems MP2884A Datasheet HTML 46Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 107 page
background image
MP2884A – DIGITAL PWM CONTROLLER WITH PMBUS AND PWM-VID
MP2884A Rev. 1.01
www.MonolithicPower.com
42
12/25/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
MFR_DC_DIV_SET (2Ah)
This register sets the output voltage sensing.
Command
MFR_DC_DIV_SET
Format
Unsigned binary
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
x
x
VOUT_SCALE
Bits
Bit Name
Description
15:14
RESERVED
Unused. X indicates that writes are ignored and reads are always 0.
13
DC_LOOP_SNS_SEL
DC loop feedback selector.
0: VFB
1: VDIFF
12
DC_LOOP_REF_SEL
DC loop reference accuracy selector.
0: with 2-bit fraction
1: without 2-bit fraction
11
VDIFF_GAIN_SEL
Gain selector for the remote sense amplifier.
0: unity gain. VOUT is limited to 1.6V. The DC loop regulation has 1.5625mV
resolution.
1: half gain. VOUT can be set to 3.19375V. The DC loop regulation has 3.125mV
resolution.
10:9
DIFF_FB_SENSE_GAIN
ADC sensing gain selector for VDIFF and VFB.
00: half gain
01: unity gain
10: three-quarter gain
11: invalid
When VDIFF_GAIN_SEL = 1, the DIFF_FB_SENSE_GAIN is forced to half the
gain of the inner MP2884A.
8:0
VOUT_SCALE
Calculated scale factor consistent with the gain of the external output voltage
divider. VOUT_SCALE = 32 x VOUT/VOUT_SENSE.
Figure 18: DC Loop Gain Selection Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com