Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 132 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 128Page - Renesas Technology Corp RZ/T1 Datasheet HTML 129Page - Renesas Technology Corp RZ/T1 Datasheet HTML 130Page - Renesas Technology Corp RZ/T1 Datasheet HTML 131Page - Renesas Technology Corp RZ/T1 Datasheet HTML 132Page - Renesas Technology Corp RZ/T1 Datasheet HTML 133Page - Renesas Technology Corp RZ/T1 Datasheet HTML 134Page - Renesas Technology Corp RZ/T1 Datasheet HTML 135Page - Renesas Technology Corp RZ/T1 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 139 page
background image
RZ/T1 Group
R01DS0228EJ0200 Rev.2.00
Page 132 of 139
Jun. 30, 2025
REVISION HISTORY
RZ/T1 Group Datasheet
Rev.
Date
Description
Page
Summary
0.60
Nov. 14, 2014
―
First edition, issued
0.70
Dec. 25, 2014
Features
1
■ Operating temperature range: Heading title and description corrected
Section 1 Overview
11
Table 1.3 List of Products (2 / 2): Note corrected
21
Figure 1.3 Pin Arrangement (176-pin HLQFP): The names of pins 33, 34, 38, 39, and 91,
corrected
26
Table 1.5 Pin Assignments (320-Pin FBGA) (5 / 8): The names of pins M20 and P19, corrected
27
Table 1.5 Pin Assignments (320-Pin FBGA) (6 / 8): The names of pins R14, R19, R20, T9, V7,
and V8, corrected
29
Table 1.5 Pin Assignments (320-Pin FBGA) (8 / 8): The names of pins Y16 and Y17, corrected
30
Table 1.6 Pin Assignments (176-Pin HLQFP) (1 / 4): The names of pins 33, 34, 38, and 39,
corrected
31
Table 1.6 Pin Assignments (176-Pin HLQFP) (2 / 4): The names of pins 58, 59, 60, 79, 82, and
83, corrected
32
Table 1.6 Pin Assignments (176-Pin HLQFP) (3 / 4): The names of pins 91 and 110, corrected
33
Table 1.6 Pin Assignments (176-Pin HLQFP) (4 / 4): The names of pins 136, 153, 154, 155, 156,
and 157, corrected
39
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (6 / 10): The name of pin M20, corrected
40
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (7 / 10): The names of pins P19, R8, and
R14, corrected
41
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (8 / 10): The names of pins R19, R20, T9,
V7, and V8, corrected
42
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (9 / 10): The names of pins Y16 and Y17,
corrected
1.10
Jul. 08, 2016
Feature
1
Wholly amended
1. Overview
2 to 49
Wholly amended
2. Electrical Characteristics
50 to 129
Newly added
1.20
Mar. 02, 2017 1. Overview
9
Table 1.2 Comparison of Functions for Different Packages: Functions of ETHERC and ECATC,
modified. Note 1 added.
12
Figure 1.1 Block Diagram: Functional blocks of ECATC and ETHERC, modified. Note 1 modified.
20
Figure 1.2 Pin Arrangement (320-Pin FBGA) (Top View): Pin ERROROUT#, modified
2. Electrical Characteristics
53
Table 2.3 DC Characteristics (2) [Power Supply]
Test conditions, modified: Product part no. added
55
Table 2.4 DC Characteristics (3) [Except for USB2.0 Host/Function-Related Pins]
Item modified: "Input pull-up MOS current and resistance" and "Input pull-down MOS current and
resistance"
Rpu1, Rpu2, Rpd1, and Rpd2 were added. Test conditions for "Input pull-down MOS current and
resistance" were modified.
58
Table 2.10 Operating Frequency: Notes 1 to 3, added. The max. value of the CPU clock
(CPUCLK), modified.
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com