Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 133 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 129Page - Renesas Technology Corp RZ/T1 Datasheet HTML 130Page - Renesas Technology Corp RZ/T1 Datasheet HTML 131Page - Renesas Technology Corp RZ/T1 Datasheet HTML 132Page - Renesas Technology Corp RZ/T1 Datasheet HTML 133Page - Renesas Technology Corp RZ/T1 Datasheet HTML 134Page - Renesas Technology Corp RZ/T1 Datasheet HTML 135Page - Renesas Technology Corp RZ/T1 Datasheet HTML 136Page - Renesas Technology Corp RZ/T1 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 133 of 139
Jun. 30, 2025
RZ/T1 Group
1.30
Apr. 25, 2017
1. Overview
49
Table 1.8 List of Pin and Pin Functions (176-Pin HLQFP) (6/6): The communication function of pin
171, modified
2. Electrical Characteristics
107
Figure 2.60 SPIBSC Transmit/Receive Timing (CPHAT = 0, CPHAR = 1): Modified
1.40
Nov. 15, 2017
All
Cortex-R4F changed to Cortex-R4
Features
1
■ Encoder interfaces, changed
■ Various communications interfaces: Features of Ethernet changed
1. Overview
2
1.1 Outline of Specifications: "Cortex®-R4F processor" changed to "Cortex®-R4 processor with
FPU"
8
Table 1.1 Outline of Specifications (7 / 7): Description of the encoder interfaces changed
16
Table 1.4 Pin Functions (4 / 7): CTS0# to CTS4#: I/O and functional description changed; RTS0#
to RTS4#: Functional description changed
19
Table 1.4 Pin Functions (7 / 7): ENCIF07 to ENCIF12 changed to ENCIF00 to ENCIF12
22
Table 1.5 Pin Assignments (320-Pin FBGA) (1 / 8): ENCIF12 added to B19; ENCIF11 added to
B20
23
Table 1.5 Pin Assignments (320-Pin FBGA) (2 / 8): ENCIF10 added to C19; ENCIF09 added to
D19; ENCIF08 added to E19
24
Table 1.5 Pin Assignments (320-Pin FBGA) (3 / 8): ENCIF11 added to H19; ENCIF12 added to
H20
25
Table 1.5 Pin Assignments (320-Pin FBGA) (4 / 8): ENCIF10 added to J19
26
Table 1.5 Pin Assignments (320-Pin FBGA) (5 / 8): ENCIF09 added to N20; ENCIF08 added to
P20
27
Table 1.5 Pin Assignments (320-Pin FBGA) (6 / 8): ENCIF09 added to U3
28
Table 1.5 Pin Assignments (320-Pin FBGA) (7 / 8): ENCIF10 added to W3; ENCIF11 added to
W4; ENCIF08 added to W10; ENCIF12 added to Y4
35
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (2 / 10): ENCIF12 added to B19 under
"Others"; ENCIF11 added to B20 under "Others"
36
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (3 / 10): ENCIF10 added to C19 under
"Others"; ENCIF09 added to D19 under "Others"; ENCIF08 added to E19 under "Others"
38
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (5 / 10); ENCIF11 added to H19 under
"Others"; ENCIF12 added to H20 under "Others"; ENCIF10 added to J19 under "Others"
40
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (7 / 10): ENCIF09 added to N20 under
"Others"; ENCIF08 added to P20 under "Others"
41
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (8 / 10): ENCIF09 added to U3 under
"Others"
42
Table 1.7 List of Pin and Pin Functions (320-Pin FBGA) (9 / 10): ENCIF10 added to W3 under
"Others"; ENCIF11 added to W4 under "Others"; ENCIF08 added to W10 under "Others;
ENCIF12 added to Y4
2. Electrical Characteristics
65, 66
Table 2.17 Bus Timing: "CKIO = 75MHz" changed to "CKIO = 1/tCKcyc; "tcyc" changed to
"tCKcyc"; entries for "Address delay time 1", "CS# delay time 1", "Read/write delay time 1", "Read
data setup time 1 to 3" and "WAIT# setup time" changed; Notes 1, 3, and 4 changed
102
Table 2.27 RSPIa Timing: Note 2 changed (SSLND → SPCKD): Note 3 added
111
Figure 2.64 RIICa Bus Interface Input/Output Timing: SDA0 to SDA3 and SCL0 to SCL3 deleted
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com