Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 135 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 131Page - Renesas Technology Corp RZ/T1 Datasheet HTML 132Page - Renesas Technology Corp RZ/T1 Datasheet HTML 133Page - Renesas Technology Corp RZ/T1 Datasheet HTML 134Page - Renesas Technology Corp RZ/T1 Datasheet HTML 135Page - Renesas Technology Corp RZ/T1 Datasheet HTML 136Page - Renesas Technology Corp RZ/T1 Datasheet HTML 137Page - Renesas Technology Corp RZ/T1 Datasheet HTML 138Page - Renesas Technology Corp RZ/T1 Datasheet HTML 139Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 135 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 135 of 139
Jun. 30, 2025
RZ/T1 Group
1.50
Dec. 26, 2018
All
The company name, modified (ARM → Arm)
Features
1
■ Encoder interfaces (optional): The descriptions and related note 4, added
Section 1 Overview
2
Table 1.1 Outline of Specifications (1/7): Central processing unit (Cortex-M3): The architecture
type, corrected (Arm v7-R architecture → Arm v7-M architecture)
2
Table 1.1 Outline of Specifications (1/7): On-chip extended SRAM with ECC: The entry
"Operating frequency", added
2
Table 1.1 Outline of Specifications (1/7): Operating modes: The description, modified
3
Table 1.1 Outline of Specifications (2/7): DMAC: Activation sources, modified
3
Table 1.1 Outline of Specifications (2/7): ELC: The number of event signals, modified
4
Table 1.1 Outline of Specifications (3/7): TPUa: The descriptions for pulse input/output, PWM
mode, PPG output trigger, event linking, modified
4
Table 1.1 Outline of Specifications (3/7): MTU3a: The number of counter-input clock signals,
modified; the feature "automatic transfer of register data", deleted; the description of phase-
counting mode, modified
5
Table 1.1 Outline of Specifications (4/7): CMT: Event linking, modified
5
Table 1.1 Outline of Specifications (4/7): POE3: Pin names, corrected
6
Table 1.1 Outline of Specifications (5/7): ETHERC: The description in relation with "1 port",
modified
7
Table 1.1 Outline of Specifications (6/7): SSI: "programmable word clock", deleted from the clock
to be generated
7
Table 1.1 Outline of Specifications (6/7): DSMIF: The description in relation with channel,
modified
8
Table 1.1 Outline of Specifications (7/7): Encoder interfaces: The number of channels and note 6,
added
12
Figure 1.1 Block Diagram: The number of channels of MTU3a and DSMIF, modified
14
Table 1.4 Pin Functions (2/7): Pin names, modified (A0 to A25 → A25 to A0, D0 to D31 → D31 to
D0); the "Description" column for RAS# and CAS#, modified
15
Table 1.4 Pin Functions (3/7): The "Description" column for MTIOC8A to MTIOC8D and for GPTa,
modified
16
Table 1.4 Pin Functions (4/7): The "Description" column for each TPUa pin, modified
17
Table 1.4 Pin Functions (5/7): Ethernet controller (ETHERC): ETH0_RXC, ETH1_RXC,
ETH2_RXC: The "I/O" and "Description" columns, modified (I/O → Input, Receive clock I/O pins
→ Receive clock input pins)
18
Table 1.4 Pin Functions (6/7): The AUDIO_CLK pin, added
2. Electrical Characteristics
51
Figure 2.1 Power On/Off Sequence: "Timing" table: "―" was added to the "Value (typ)" column for
Nos (3), (4), and (5).
53
Table 2.3 DC Characteristics (2) [Power Supply] (1 / 2): VIcc when VDD is 300 MHz in normal
operation, modified
56
Table 2.5 DC Characteristics (4) [USB2.0 USB_RREF Pin]: The "min" column, modified (200Ω
±1% → 200 ±1%); the "Ω" in the "Unit" column, added
60
Table 2.12 CLKOUT25Mn Timing, modified (CLKOUT25Mn (RMII): Tck → Tck1, CLKOUT25Mn
(MII): Tck → Tck2)
60
Figure 2.3 CLKOUT25Mn Pin Output Timing 1: Symbols, modified
60
Figure 2.4 CLKOUT25Mn Pin Output Timing 2: Symbols, modified
61
Table 2.13 EXTAL Clock Timing: Time value, modified (40.00 + 50 ppm → 40.00 ± 50 ppm)
61
Table 2.14 XTAL Clock Timing: Time value, modified (40.00 + 50 ppm → 40.00 ± 50 ppm)
98
Table 2.24 GPTa Timing: The symbol, modified (TOTETW → tGTEW)
102
Table 2.27 RSPIa Timing: Note 4, added
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com