Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 336 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 332Page - Renesas Technology Corp H8S/2472 Datasheet HTML 333Page - Renesas Technology Corp H8S/2472 Datasheet HTML 334Page - Renesas Technology Corp H8S/2472 Datasheet HTML 335Page - Renesas Technology Corp H8S/2472 Datasheet HTML 336Page - Renesas Technology Corp H8S/2472 Datasheet HTML 337Page - Renesas Technology Corp H8S/2472 Datasheet HTML 338Page - Renesas Technology Corp H8S/2472 Datasheet HTML 339Page - Renesas Technology Corp H8S/2472 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 1250 page
background image
Section 8 I/O Ports
Rev. 2.00 Aug. 20, 2008 Page 288 of 1198
REJ09B0403-0200
(6) Noise Canceler Cycle Setting Register (NCCS)
NCCS controls the sampling cycle of the noise cancelers.
Bit
Bit Name Initial Value R/W
Description
7 to 3
Undefined
R/W
Reserved
Undefined value is read from these bits.
2
1
0
NCCK2
NCCK1
NCCK0
0
0
0
R/W
R/W
R/W
These bits set the sampling cycle of the noise cancelers.
• When φ = 34 MHz
000: 0.06
µs φ/2
100: 963.8
µs φ/32768
001: 0.94
µs φ/32
101: 1.9 ms
φ/65536
010: 15.1
µs φ/512
110: 3.9 ms
φ/131072
011: 240.9
µs φ/8192
111: 7.7 ms
φ/262144
Latch
∆t
∆t
Sampling clock selection
φ/2, φ/32, φ/512, φ/8192,
φ/32768, φ/65536,
φ/131072, φ/262144
Pin input
Sampling clock
Match
detection
circuit
Port data
register
Latch
Latch
Figure 8.7 Noise Canceler Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com