| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 42 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 42 Page - Renesas Technology Corp |
|
42 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xlii of xlviii Table 5.9 Interrupt Source Selection and Clearing Control ....................................................... 103 Section 6 Bus Controller (BSC) Table 6.1 Pin Configuration....................................................................................................... 110 Table 6.2 Address Ranges and External Address Spaces........................................................... 119 Table 6.3 Bit Settings and Bus Specifications of Basic Bus Interface ....................................... 120 Table 6.4 Bus Specifications for Basic Extended Area/Basic Bus Interface ............................. 120 Table 6.5 Bus Specifications for 256-Kbyte Extended Area/Basic Bus Interface ..................... 121 Table 6.6 Address-Data Multiplex Address Spaces................................................................... 123 Table 6.7 Bit Settings and Bus Specifications of Basic Bus Interface ....................................... 124 Table 6.8 Bus Specifications for IOS Extended Area/Multiplex Bus Interface (Address Cycle) ......................................................................................................... 124 Table 6.9 Bus Specifications for IOS Extended Area/Multiplex Bus Interface (Data Cycle).... 124 Table 6.10 Bus Specifications for 256-Kbyte Extended Area/Multiplex Bus Interface (Address Cycle) ....................................................................................................... 125 Table 6.11 Bus Specifications for 256-Kbyte Extended Area/Multiplex Bus Interface (Data Cycle)............................................................................................................. 125 Table 6.12 Address Range for IOS Signal Output ..................................................................... 126 Table 6.13 Data Buses Used and Valid Strobes......................................................................... 129 Table 6.14 Data Buses Used and Valid Strobes (Gluless Extension) ........................................ 130 Table 6.15 Pin States in Idle Cycle ............................................................................................ 157 Section 7 Data Transfer Controller (DTC) Table 7.1 Correspondence between Interrupt Sources and DTCER .......................................... 167 Table 7.2 DTC Event Counter Conditions ................................................................................. 171 Table 7.3 Flag Status/Address Code .......................................................................................... 172 Table 7.4 Interrupt Sources, DTC Vector Addresses, and Corresponding DTCEs.................... 176 Table 7.5 Register Functions in Normal Mode .......................................................................... 178 Table 7.6 Register Functions in Repeat Mode ........................................................................... 179 Table 7.7 Register Functions in Block Transfer Mode .............................................................. 180 Table 7.8 DTC Execution Status................................................................................................ 184 Table 7.9 Number of States Required for Each Execution Status.............................................. 184 Section 8 I/O Ports Table 8.1 Port Functions ............................................................................................................ 190 Table 8.2 Port 1 Input Pull-Up MOS States............................................................................... 196 Table 8.3 Port 2 Input Pull-Up MOS States............................................................................... 201 Table 8.4 Port 3 Input Pull-Up MOS States............................................................................... 207 Table 8.5 Port 4 Input Pull-Up MOS States............................................................................... 215 Table 8.6 Port 6 Input Pull-Up MOS States............................................................................... 226 Table 8.7 Input Pull-Up MOS States ......................................................................................... 247 Table 8.8 Port D Input Pull-Up MOS States .............................................................................. 263 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |