Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 63 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 59Page - Renesas Technology Corp H8S/2472 Datasheet HTML 60Page - Renesas Technology Corp H8S/2472 Datasheet HTML 61Page - Renesas Technology Corp H8S/2472 Datasheet HTML 62Page - Renesas Technology Corp H8S/2472 Datasheet HTML 63Page - Renesas Technology Corp H8S/2472 Datasheet HTML 64Page - Renesas Technology Corp H8S/2472 Datasheet HTML 65Page - Renesas Technology Corp H8S/2472 Datasheet HTML 66Page - Renesas Technology Corp H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 15 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
RESO
142
142
B3
142
Outputs a reset signal to an
external device.
STBY
12
12
E1
12
When this pin is low, a transition is
made to hardware standby mode.
System
control
FWE
137
135
D6
Input
Pin for use by flash memory.
A23 to
A16
33 to
35, 37
to 41
33 to
35, 37
to 41
M3, N1,
M4, P1,
P2, N3,
P3, R3
Address bus
A15 to A0 4 to 2,
140,
99 to
109,
111
4 to 2,
138,
99 to
109,
111
C2, B1,
C3, B6,
E14,
E12,
D15,
D14,
D13,
C15,
D12,
C14,
B15,
B14,
A15,
A14
Output
Address output pins
D15 to D8 128 to
121
128 to
121
B9, A9,
C9, D9,
B10,
A10,
C10,
D10
Upper 8 bits of bidirectional bus
Data bus
D7 to D0
132 to
129,
81 to 78
132 to
129,
80 to 77
B8, A8,
C8, D8,
L12,
M14,
N15,
M13
Input/
Output
Lower 8 bits of bidirectional bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com