Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 67 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 63Page - Renesas Technology Corp H8S/2472 Datasheet HTML 64Page - Renesas Technology Corp H8S/2472 Datasheet HTML 65Page - Renesas Technology Corp H8S/2472 Datasheet HTML 66Page - Renesas Technology Corp H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp H8S/2472 Datasheet HTML 68Page - Renesas Technology Corp H8S/2472 Datasheet HTML 69Page - Renesas Technology Corp H8S/2472 Datasheet HTML 70Page - Renesas Technology Corp H8S/2472 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 19 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
I
2C bus
interface
(IIC)
SDA0 to
SDA5
49, 47,
31, 29,
27, 59
49, 47,
31, 29,
27, 59
P6, N6,
L4, K2,
K3, M10
Input/
Output
IIC data input/output pins. These
pins can drive a bus directly with
the NMOS open drain output.
AN7 to
AN0
75 to 68 75 to 68 N13,
R15,
P14,
R14,
P13,
M12,
R13,
N12
Input
Analog input pins
AVCC
76
76
P15
Input
Analog power supply pins. When
the A/D converter is not used,
these pins should be connected to
the system power supply (+3.3 V).
AVref
77
N14
Input
Analog reference voltage input pin.
When the A/D converter is not
used, this pin should be connected
to the system power supply (+3.3
V).
AVSS
67
67
P12
Input
Analog ground pins. These pins
should be connected to the system
power supply (0 V).
A/D
converter
ADTRG
43
43
N5
Input
External trigger input pin to start
A/D conversion
LAD3 to
LAD0
55 to 58 55 to 58 P8, M9,
N9, R9
Input/
Output
Transfer cycle type/address/data
I/O pins
LFRAME 54
54
R8
Input
Input pin indicating transfer cycle
start and forced termination
LRESET
53
53
N8
Input
LPC reset pin. When this pin is low,
a reset state is entered.
LCLK
52
52
M8
Input
PCI clock input pin
SERIRQ
51
51
R7
Input/
Output
LPC serialized host interrupt
request signal
LPC
Interface
(LPC)
LSCI,
LSMI,
PME
66
65
64
66
65
64
M11
P11
R11
Input/
Output
LPC auxiliary output. Their
functions are general I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com