Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 50 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 46Page - Renesas Technology Corp H8S/2472 Datasheet HTML 47Page - Renesas Technology Corp H8S/2472 Datasheet HTML 48Page - Renesas Technology Corp H8S/2472 Datasheet HTML 49Page - Renesas Technology Corp H8S/2472 Datasheet HTML 50Page - Renesas Technology Corp H8S/2472 Datasheet HTML 51Page - Renesas Technology Corp H8S/2472 Datasheet HTML 52Page - Renesas Technology Corp H8S/2472 Datasheet HTML 53Page - Renesas Technology Corp H8S/2472 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 2 of 1198
REJ09B0403-0200
• On-chip memory
ROM Type
Model
ROM
RAM
Remarks
R4F2472
512 Kbytes
40 Kbytes
176 pins,
USB incorporated
R4F2463
512 Kbytes
40 Kbytes
144 pins,
USB and PECI not
incorporated
Flash memory
Version
R4F2462
512 Kbytes
40 Kbytes
144 pins,
USB not incorporated
• Reprogramming count: 1000 times (Tpy.)
• General I/O ports
I/O pins: 110 (for 176-pin), 106 (for 144-pin)
Input-only pins: 9
• Supports various power-down states
• Compact package
Package (code)
Body Size
Pin Pitch
PLBG0176GA-A
13 × 13 mm
0.8 mm
PTQP0144LC-A
16 × 16 mm
0.4 mm
PLQP0144KA-A
20 × 20 mm
0.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com