Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 70 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 66Page - Renesas Technology Corp H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp H8S/2472 Datasheet HTML 68Page - Renesas Technology Corp H8S/2472 Datasheet HTML 69Page - Renesas Technology Corp H8S/2472 Datasheet HTML 70Page - Renesas Technology Corp H8S/2472 Datasheet HTML 71Page - Renesas Technology Corp H8S/2472 Datasheet HTML 72Page - Renesas Technology Corp H8S/2472 Datasheet HTML 73Page - Renesas Technology Corp H8S/2472 Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 22 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
Large
current
output pins
HC7 to
HC0
4 to 2,
140,
132 to
129
4 to 2,
138,
132 to
129
C2, B1,
C3, B6,
B8, A8,
C8, D8
Output
These pins can be used to drive
LEDs or for other purposes where
large currents are required.
P17 to
P10
103 to
109,
111
103 to
109,
111
D13,
C15,
D12,
C14,
B15,
B14,
A15
Input/
Output
8-bit input/output pins
P27 to
P20
95 to
102
95 to
102
F15,
F14,
E13,
E15,
E14,
E12,
D15,
D14
Input/
Output
8-bit input/output pins
P37 to
P30
128 to
121
128 to
121
B9, A9,
C9, D9,
B10,
A10,
C10,
D10
Input/
Output
8-bit input/output pins
P47 to
P40
4 to 2,
140,
132 to
129
4 to 2,
138,
132 to
129
C2, B1,
C3, B6,
B8, A8,
C8, D8
Input/
Output
8-bit input/output pins
I/O ports
P57 to
P50
6, 5,
139,
138,
136,
135, 15,
16
6, 5,
137,
136,
134,
133, 15,
16
C1, D3,
A6, C6,
B7, A7,
F2, G4
Input/
Output
8-bit input/output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com