| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 29 Page - Renesas Technology Corp |
|
29 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xxix of xlviii Figures Section 1 Overview Figure 1.1 Internal Block Diagram................................................................................................ 3 Figure 1.2 Pin Assignments (H8S/2472 Group) ............................................................................ 4 Figure 1.3 Pin Assignments (H8S/2463 Group) ............................................................................ 5 Figure 1.4 Pin Assignments (H8S/2462 Group) ............................................................................ 6 Section 2 CPU Figure 2.1 Exception Vector Table (Normal Mode).................................................................... 29 Figure 2.2 Stack Structure in Normal Mode................................................................................ 29 Figure 2.3 Exception Vector Table (Advanced Mode)................................................................ 30 Figure 2.4 Stack Structure in Advanced Mode............................................................................ 31 Figure 2.5 Memory Map.............................................................................................................. 32 Figure 2.6 CPU Registers ............................................................................................................ 33 Figure 2.7 Usage of General Registers ........................................................................................ 34 Figure 2.8 Stack........................................................................................................................... 35 Figure 2.9 General Register Data Formats (1)............................................................................. 38 Figure 2.9 General Register Data Formats (2)............................................................................. 39 Figure 2.10 Memory Data Formats ............................................................................................. 40 Figure 2.11 Instruction Formats (Examples) ............................................................................... 52 Figure 2.12 Branch Address Specification in Memory Indirect Mode........................................ 56 Figure 2.13 State Transitions....................................................................................................... 60 Section 3 MCU Operating Modes Figure 3.1 Address Map .............................................................................................................. 69 Section 4 Exception Handling Figure 4.1 Reset Sequence........................................................................................................... 75 Figure 4.2 Stack Status after Exception Handling ....................................................................... 77 Figure 4.3 Operation When SP Value is Odd .............................................................................. 78 Section 5 Interrupt Controller Figure 5.1 Block Diagram of Interrupt Controller....................................................................... 80 Figure 5.2 Block Diagram of Interrupts IRQ15 to IRQ0............................................................. 89 Figure 5.3 Block Diagram of Interrupt Control Operation .......................................................... 93 Figure 5.4 Flowchart of Procedure up to Interrupt Acceptance in Interrupt Control Mode 0 ..... 96 Figure 5.5 State Transition in Interrupt Control Mode 1 ............................................................. 97 Figure 5.6 Flowchart of Procedure Up to Interrupt Acceptance in Interrupt Control Mode 1.... 99 Figure 5.7 Interrupt Exception Handling................................................................................... 100 Figure 5.8 Interrupt Control for DTC ........................................................................................ 102 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |