| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 34 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 34 Page - Renesas Technology Corp |
|
34 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xxxiv of xlviii Figure 14.5 MSB-First Data Reception ..................................................................................... 504 Figure 14.6 LSB-First and MSB-First Transmit Data ............................................................... 505 Section 15 Serial Communication Interface with FIFO (SCIF) Figure 15.1 Block Diagram of SCIF.......................................................................................... 508 Figure 15.2 Data Format in Serial Transmission/Reception (Example with 8-Bit Data, Parity and 2 Stop Bits) ................................................ 529 Figure 15.3 Example of Initialization Flowchart....................................................................... 530 Figure 15.4 Example of Data Transmission Flowchart ............................................................. 531 Figure 15.5 Example of Data Reception Flowchart................................................................... 532 Figure 15.6 Example of Initialization Flowchart....................................................................... 533 Figure 15.7 Example of Data Transmission/Reception Standby Flowchart .............................. 534 Figure 15.8 Example of Data Transmission Flowchart ............................................................. 535 Figure 15.9 Example of Data Transmission Suspension Flowchart .......................................... 536 Figure 15.10 Example of Data Reception Flowchart................................................................. 537 Figure 15.11 Example of Data Reception Suspension Flowchart.............................................. 538 Section 16 Serial Pin Multiplexed Modes Figure 16.1 Serial Pin Multiplexed Mode 0............................................................................... 547 Figure 16.2 Serial Pin Multiplexed Mode 1............................................................................... 548 Figure 16.3 Serial Pin Multiplexed Mode 2............................................................................... 549 Figure 16.4 Serial Pin Multiplexed Mode 3............................................................................... 550 Figure 16.5 Serial Pin Multiplexed Mode 4............................................................................... 551 Section 17 Synchronous Serial Communication Unit (SSU) Figure 17.1 Block Diagram of SSU........................................................................................... 554 Figure 17.2 Relationship of Clock Phase, Polarity, and Data.................................................... 566 Figure 17.3 Relationship between Data Input/Output Pins and the Shift Register .................... 567 Figure 17.4 Example of Initial Settings in SSU Mode .............................................................. 570 Figure 17.5 Example of Transmission Operation (SSU Mode)................................................. 572 Figure 17.6 Flowchart Example of Data Transmission (SSU Mode) ........................................ 573 Figure 17.7 Example of Reception Operation (SSU Mode) ...................................................... 575 Figure 17.8 Flowchart Example of Data Reception (SSU Mode) ............................................. 576 Figure 17.9 Flowchart Example of Simultaneous Transmission/Reception (SSU Mode)......... 577 Figure 17.10 Conflict Error Detection Timing (Before Transfer) ............................................. 578 Figure 17.11 Conflict Error Detection Timing (After Transfer End) ........................................ 578 Figure 17.12 Example of Initial Settings in Clock Synchronous Communication Mode.......... 579 Figure 17.13 Example of Transmission Operation (Clock Synchronous Communication Mode)......................................................................................... 580 Figure 17.14 Flowchart Example of Transmission Operation (Clock Synchronous Communication Mode)....................................................... 581 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |