| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 36 Page - Renesas Technology Corp |
|
36 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xxxvi of xlviii Figure 18.25 IRIC Setting Timing and SCL Control (1) ........................................................... 645 Figure 18.26 IRIC Setting Timing and SCL Control (2) ........................................................... 646 Figure 18.27 IRIC Setting Timing and SCL Control (3) ........................................................... 647 Figure 18.28 Block Diagram of Noise Canceler........................................................................ 650 Figure 18.29 Notes on Reading Master Receive Data ............................................................... 658 Figure 18.30 Flowchart for Start Condition Issuance Instruction for Retransmission and Timing ............................................................................ 659 Figure 18.31 Stop Condition Issuance Timing .......................................................................... 660 Figure 18.32 IRIC Flag Clearing Timing When WAIT = 1 ...................................................... 661 Figure 18.33 ICDR Register Read and ICCR Register Access Timing in Slave Transmit Mode ........................................................................................... 662 Figure 18.34 TRS Bit Set Timing in Slave Mode...................................................................... 663 Figure 18.35 Diagram of Erroneous Operation when Arbitration Lost ..................................... 665 Section 19 LPC Interface (LPC) Figure 19.1 Block Diagram of LPC........................................................................................... 669 Figure 19.2 Typical LFRAME Timing......................................................................................737 Figure 19.3 Abort Mechanism................................................................................................... 737 Figure 19.4 SMIC Write Transfer Flow .................................................................................... 738 Figure 19.5 SMIC Read Transfer Flow ..................................................................................... 739 Figure 19.6 BT Write Transfer Flow......................................................................................... 740 Figure 19.7 BT Read Transfer Flow.......................................................................................... 741 Figure 19.8 GA20 Output .......................................................................................................... 743 Figure 19.9 Power-Down State Termination Timing ................................................................ 748 Figure 19.10 SERIRQ Timing...................................................................................................749 Figure 19.11 Clock Start Request Timing ................................................................................. 751 Figure 19.12 HIRQ Flowchart (Example of Channel 1)............................................................ 755 Section 20 LPC Interface (LPC) Figure 20.1 Configuration of EtherC......................................................................................... 760 Figure 20.2 EtherC Transmitter State Transitions ..................................................................... 779 Figure 20.3 EtherC Receiver State Transmissions .................................................................... 781 Figure 20.4 RMII Frame Transmit Timing (Normal Transmission).......................................... 782 Figure 20.5 RMII Frame Receive Timing (Normal Reception) ................................................ 782 Figure 20.6 RMII Frame Receive Timing (Reception with False Carrier) ................................ 783 Figure 20.7 MII Management Frame Format ............................................................................ 784 Figure 20.8 1-Bit Data Write Flowchart.................................................................................... 785 Figure 20.9 Bus Release Flowchart (TA in Read in Figure 20.7).............................................. 785 Figure 20.10 1-Bit Data Read Flowchart................................................................................... 786 Figure 20.11 Independent Bus Release Flowchart (IDLE in Write in Figure 20.7) .................. 786 Figure 20.12 Changing IPG and Transmission Efficiency ........................................................ 788 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |