Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 17 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 13Page - Renesas Technology Corp H8S/2472 Datasheet HTML 14Page - Renesas Technology Corp H8S/2472 Datasheet HTML 15Page - Renesas Technology Corp H8S/2472 Datasheet HTML 16Page - Renesas Technology Corp H8S/2472 Datasheet HTML 17Page - Renesas Technology Corp H8S/2472 Datasheet HTML 18Page - Renesas Technology Corp H8S/2472 Datasheet HTML 19Page - Renesas Technology Corp H8S/2472 Datasheet HTML 20Page - Renesas Technology Corp H8S/2472 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page xvii of xlviii
13.8
Interrupt Sources................................................................................................................ 489
13.8.1 Interrupts in Normal Serial Communication Interface Mode ............................... 489
13.8.2 Interrupts in Smart Card Interface Mode .............................................................. 490
13.9
Usage Notes ....................................................................................................................... 491
13.9.1 Module Stop Mode Setting ................................................................................... 491
13.9.2 Break Detection and Processing ........................................................................... 491
13.9.3 Mark State and Break Sending.............................................................................. 491
13.9.4 Receive Error Flags and Transmit Operations
(Clock Synchronous Mode Only) ......................................................................... 491
13.9.5 Relation between Writing to TDR and TDRE Flag .............................................. 491
13.9.6 Restrictions on Using DTC ................................................................................... 492
13.9.7 SCI Operations during Mode Transitions ............................................................. 493
13.9.8 Notes on Switching from SCK Pins to Port Pins .................................................. 497
Section 14 CRC Operation Circuit (CRC).........................................................499
14.1
Features .............................................................................................................................. 499
14.2
Register Descriptions ......................................................................................................... 500
14.2.1 CRC Control Register (CRCCR) .......................................................................... 500
14.2.2 CRC Data Input Register (CRCDIR).................................................................... 501
14.2.3 CRC Data Output Register (CRCDOR)................................................................ 501
14.3
CRC Operation Circuit Operation...................................................................................... 501
14.4
Note on CRC Operation Circuit......................................................................................... 505
Section 15 Serial Communication Interface with FIFO (SCIF) ........................507
15.1
Features .............................................................................................................................. 507
15.2
Input/Output Pins ............................................................................................................... 509
15.3
Register Descriptions ......................................................................................................... 510
15.3.1 Receive Shift Register (FRSR) ............................................................................. 511
15.3.2 Receive Buffer Register (FRBR) .......................................................................... 511
15.3.3 Transmitter Shift Register (FTSR)........................................................................ 511
15.3.4 Transmitter Holding Register (FTHR).................................................................. 512
15.3.5 Divisor Latch H, L (FDLH, FDLL) ...................................................................... 512
15.3.6 Interrupt Enable Register (FIER) .......................................................................... 513
15.3.7 Interrupt Identification Register (FIIR)................................................................. 514
15.3.8 FIFO Control Register (FFCR) ............................................................................. 516
15.3.9 Line Control Register (FLCR) .............................................................................. 517
15.3.10 Modem Control Register (FMCR) ........................................................................ 518
15.3.11 Line Status Register (FLSR) ................................................................................. 520
15.3.12 Modem Status Register (FMSR)........................................................................... 524
15.3.13 Scratch Pad Register (FSCR)................................................................................ 525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com