| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 38 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 38 Page - Renesas Technology Corp |
|
38 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xxxviii of xlviii Figure 23.5 Timing of External Trigger Input ........................................................................... 908 Figure 23.6 A/D Conversion Accuracy Definitions................................................................... 910 Figure 23.7 A/D Conversion Accuracy Definitions................................................................... 910 Figure 23.8 Example of Analog Input Circuit ........................................................................... 911 Figure 23.9 Example of Analog Input Protection Circuit.......................................................... 913 Figure 23.10 Analog Input Pin Equivalent Circuit .................................................................... 914 Section 25 Flash Memory Figure 25.1 Block Diagram of Flash Memory........................................................................... 918 Figure 25.2 Mode Transition of Flash Memory......................................................................... 919 Figure 25.3 Flash Memory Configuration ................................................................................. 921 Figure 25.4 Block Division of User MAT ................................................................................. 922 Figure 25.5 Overview of User Procedure Program.................................................................... 923 Figure 25.6 System Configuration in Boot Mode...................................................................... 948 Figure 25.7 Automatic-Bit-Rate Adjustment Operation of SCI ................................................ 949 Figure 25.8 Overview of Boot Mode State Transition Diagram................................................ 951 Figure 25.9 System Configuration in USB Boot Mode............................................................. 952 Figure 25.10 USB Boot Mode State Transition Diagram.......................................................... 954 Figure 25.11 Programming/Erasing Overview Flow................................................................. 956 Figure 25.12 RAM Map When Programming/Erasing is Executed .......................................... 957 Figure 25.13 Programming Procedure....................................................................................... 958 Figure 25.14 Erasing Procedure................................................................................................. 963 Figure 25.15 Repeating Procedure of Erasing and Programming.............................................. 965 Figure 25.16 Procedure for Programming User MAT in User Boot Mode ............................... 968 Figure 25.17 Procedure for Erasing User MAT in User Boot Mode ......................................... 970 Figure 25.18 Transitions to Error-Protection State.................................................................... 985 Figure 25.19 Switching between the User MAT and User Boot MAT...................................... 986 Figure 25.20 Boot Program States.............................................................................................989 Figure 25.21 Bit-Rate-Adjustment Sequence ............................................................................ 990 Figure 25.22 Communication Protocol Format ......................................................................... 991 Figure 25.23 New Bit-Rate Selection Sequence...................................................................... 1002 Figure 25.24 Programming Sequence...................................................................................... 1006 Figure 25.25 Erasure Sequence ............................................................................................... 1009 Section 26 Boundary Scan (JTAG) Figure 26.1 JTAG Block Diagram........................................................................................... 1020 Figure 26.2 TAP Controller State Transitions ......................................................................... 1043 Figure 26.3 Reset Signal Circuit Without Reset Signal Interference....................................... 1047 Figure 26.4 Serial Data Input/Output (1)................................................................................. 1048 Figure 26.5 Serial Data Input/Output (2)................................................................................. 1049 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |