Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 45 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 41Page - Renesas Technology Corp H8S/2472 Datasheet HTML 42Page - Renesas Technology Corp H8S/2472 Datasheet HTML 43Page - Renesas Technology Corp H8S/2472 Datasheet HTML 44Page - Renesas Technology Corp H8S/2472 Datasheet HTML 45Page - Renesas Technology Corp H8S/2472 Datasheet HTML 46Page - Renesas Technology Corp H8S/2472 Datasheet HTML 47Page - Renesas Technology Corp H8S/2472 Datasheet HTML 48Page - Renesas Technology Corp H8S/2472 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page xlv of xlviii
Table 19.2 LADR1, LADR2 Initial Values ............................................................................... 686
Table 19.3 Host Register Selection ............................................................................................ 687
Table 19.4 Slave Selection Internal Registers............................................................................ 687
Table 19.5 LPC I/O Cycle.......................................................................................................... 736
Table 19.6 GA20 Setting/Clearing Timing ................................................................................ 742
Table 19.7 Fast Gate A20 Output Signals.................................................................................. 744
Table 19.8 Scope of LPC Interface Pin Shutdown..................................................................... 746
Table 19.9 Scope of Initialization in Each LPC interface Mode................................................ 747
Table 19.10 Serialized Interrupt Transfer Cycle Frame Configuration...................................... 750
Table 19.11 Receive Complete Interrupts and Error Interrupt................................................... 752
Table 19.12 HIRQ Setting and Clearing Conditions when LPC Channels are Used ................. 754
Table 19.13 HIRQ Setting and Clearing Conditions when SCIF Channels are Used ................ 755
Table 19.14 Host Address Example ........................................................................................... 757
Section 20 Ethernet Controller (EtherC)
Table 20.1 Pin Configuration ..................................................................................................... 761
Section 22 USB Function Module (USB)
Table 22.1 Pin Configuration ..................................................................................................... 834
Table 22.2 Example of Limitations for Setting Values .............................................................. 858
Table 22.3 Example of Setting................................................................................................... 859
Table 22.4 Relationship between TRNTREG0 Setting and Pin Output..................................... 861
Table 22.5 Relationship between Pin Input and TRNTREG1 Monitoring Value ...................... 862
Table 22.6 Interrupt Sources ...................................................................................................... 863
Table 22.7 Command Decoding on Application Side................................................................ 882
Table 22.8 Selection of Peripheral Module Clock (
φ) when USB Connection is Made ............894
Section 23 A/D Converter
Table 23.1 Pin Configuration ..................................................................................................... 897
Table 23.2 Analog Input Channels and Corresponding ADDR Registers ................................. 899
Table 23.3 A/D Conversion Characteristics (Single Mode)....................................................... 907
Table 23.4 A/D Conversion Characteristics (Scan Mode) ......................................................... 907
Table 23.5 A/D Converter Interrupt Source............................................................................... 909
Table 23.6 Standard of Analog Pins........................................................................................... 913
Section 25 Flash Memory
Table 25.1 Comparison of Programming Modes ....................................................................... 920
Table 25.2 Pin Configuration ..................................................................................................... 925
Table 25.3 Register/Parameter and Target Mode....................................................................... 927
Table 25.4 Parameters and Target Modes .................................................................................. 937
Table 25.5 Setting On-Board Programming Mode .................................................................... 947
Table 25.6 System Clock Frequency for Automatic-Bit-Rate Adjustment by This LSI ............ 949



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com