Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 79 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 75Page - Renesas Technology Corp H8S/2472 Datasheet HTML 76Page - Renesas Technology Corp H8S/2472 Datasheet HTML 77Page - Renesas Technology Corp H8S/2472 Datasheet HTML 78Page - Renesas Technology Corp H8S/2472 Datasheet HTML 79Page - Renesas Technology Corp H8S/2472 Datasheet HTML 80Page - Renesas Technology Corp H8S/2472 Datasheet HTML 81Page - Renesas Technology Corp H8S/2472 Datasheet HTML 82Page - Renesas Technology Corp H8S/2472 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 1250 page
background image
Section 2 CPU
Rev. 2.00 Aug. 20, 2008 Page 31 of 1198
REJ09B0403-0200
The memory indirect addressing mode (@@aa:8) employed in the JMP and JSR instructions
uses an 8-bit absolute address included in the instruction code to specify a memory operand
that contains a branch address. In advanced mode the operand is a 32-bit longword operand,
providing a 32-bit branch address. The upper 8 bits of these 32 bits is a reserved area that is
regarded as H'00. Branch addresses can be stored in the area from H'00000000 to H'000000FF.
Note that the first part of this range is also used for the exception vector table.
• Stack Structure
In advanced mode, when the program counter (PC) is pushed onto the stack in a subroutine
call, and the PC, condition-code register (CCR), and extended control register (EXR) are
pushed onto the stack in exception handling, they are stored as shown in figure 2.4. When
EXR is not pushed onto the stack in interrupt control mode 0. For details, see section 4,
Exception Handling.
PC
(24 bits)
EXR*1
Reserved*1, *3
CCR
PC
(24 bits)
SP
SP
(SP
*2
Reserved
(a) Subroutine Branch
(b) Exception Handling
Notes: 1. When EXR is not used it is not stored on the stack.
2. SP when EXR is not used.
3. Ignored when returning.
)
Figure 2.4 Stack Structure in Advanced Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com