| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xxxv of xlviii Figure 17.15 Example of Reception Operation (Clock Synchronous Communication Mode)......................................................................................... 582 Figure 17.16 Flowchart Example of Data Reception (Clock Synchronous Communication Mode) ........................................................................................ 583 Figure 17.17 Flowchart Example of Simultaneous Transmission/Reception (Clock Synchronous Communication Mode)....................................................... 584 Section 18 I2C Bus Interface (IIC) Figure 18.1 Block Diagram of I2C Bus Interface ...................................................................... 588 Figure 18.2 I2C Bus Interface Connections (Example: This LSI as Master) ............................. 589 Figure 18.3 I2C Bus Data Formats (I2C Bus Formats)............................................................... 619 Figure 18.4 I2C Bus Data Formats (Serial Formats).................................................................. 619 Figure 18.5 I2C Bus Timing....................................................................................................... 620 Figure 18.6 Sample Flowchart for IIC Initialization ................................................................. 621 Figure 18.7 Sample Flowchart for Operations in Master Transmit Mode................................. 622 Figure 18.8 Operation Timing Example in Master Transmit Mode (MLS = WAIT = 0).......... 624 Figure 18.9 Stop Condition Issuance Operation Timing Example in Master Transmit Mode (MLS = WAIT = 0)................................................................................................ 625 Figure 18.10 Sample Flowchart for Operations in Master Receive Mode (HNDS = 1)............ 626 Figure 18.11 Master Receive Mode Operation Timing Example (MLS = WAIT = 0, HNDS = 1)........................................................................... 628 Figure 18.12 Stop Condition Issuance Timing Example in Master Receive Mode (MLS = WAIT = 0, HNDS = 1)........................................................................... 628 Figure 18.13 Sample Flowchart for Operations in Master Receive Mode (receiving multiple bytes) (WAIT = 1) ................................................................ 629 Figure 18.14 Sample Flowchart for Operations in Master Receive Mode (receiving a single byte) (WAIT = 1)................................................................... 630 Figure 18.15 Master Receive Mode Operation Timing Example (MLS = ACKB = 0, WAIT = 1)........................................................................... 633 Figure 18.16 Stop Condition Issuance Timing Example in Master Receive Mode (MLS = ACKB = 0, WAIT = 1)........................................................................... 633 Figure 18.17 Sample Flowchart for Operations in Slave Receive Mode (HNDS = 1) .............. 635 Figure 18.18 Slave Receive Mode Operation Timing Example (1) (MLS = 0, HNDS= 1)....... 637 Figure 18.19 Slave Receive Mode Operation Timing Example (2) (MLS = 0, HNDS= 1)....... 637 Figure 18.20 Sample Flowchart for Operations in Slave Receive Mode (HNDS = 0) .............. 638 Figure 18.21 Slave Receive Mode Operation Timing Example (1) (MLS = ACKB = 0, HNDS = 0).......................................................................... 640 Figure 18.22 Slave Receive Mode Operation Timing Example (2) (MLS = ACKB = 0, HNDS = 0) .......................................................................... 641 Figure 18.23 Sample Flowchart for Slave Transmit Mode........................................................ 642 Figure 18.24 Slave Transmit Mode Operation Timing Example (MLS = 0)............................. 644 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |