Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 51 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 47Page - Renesas Technology Corp H8S/2472 Datasheet HTML 48Page - Renesas Technology Corp H8S/2472 Datasheet HTML 49Page - Renesas Technology Corp H8S/2472 Datasheet HTML 50Page - Renesas Technology Corp H8S/2472 Datasheet HTML 51Page - Renesas Technology Corp H8S/2472 Datasheet HTML 52Page - Renesas Technology Corp H8S/2472 Datasheet HTML 53Page - Renesas Technology Corp H8S/2472 Datasheet HTML 54Page - Renesas Technology Corp H8S/2472 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 3 of 1198
REJ09B0403-0200
1.2
Block Diagram
EVC
EtherC
E-DMAC
H8S/2600
CPU
DTC
RAM
40K
LPC
SCI_1, SCI_3
SCIF
SSU
FRT
IIC_0 to IIC_5
PECI*
JTAG
USB*
ROM
(Flash)
512K
(+16K UB)
Clock pulse
generator
14-bit PWM
× 4
8-bit timer
× 4
WDT
× 2
Port 7
Port 9
Port 8
A/D converter
Interrupt controller
CRC calculator
[Legend]
CPU:
Central processing unit
DTC:
Data transfer controller
EVC:
Event counter
SCI:
Serial communication interface
SCIF:
Serial communication interface with FIFO
IIC:
I
2C bus interface
EtherC:
Ethernet controller
E-DMAC: Direct memory access controller for Ethernet controller
SSU:
Synchronous serial communication unit
USB:
USB function module
FRT:
16-bit free running timer
PWM:
14-bit PWM timer
LPC:
LPC interface
WDT:
Watchdog timer
JTAG:
Boundary scan
PECI:
PECI interface
Notes: 1. Supported only by the H8S/2472 Group.
2. Supported only by the H8S/2472 Group and the H8S/2462 Group.
1
2
Figure 1.1 Internal Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com