Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 66 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 66 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 62Page - Renesas Technology Corp H8S/2472 Datasheet HTML 63Page - Renesas Technology Corp H8S/2472 Datasheet HTML 64Page - Renesas Technology Corp H8S/2472 Datasheet HTML 65Page - Renesas Technology Corp H8S/2472 Datasheet HTML 66Page - Renesas Technology Corp H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp H8S/2472 Datasheet HTML 68Page - Renesas Technology Corp H8S/2472 Datasheet HTML 69Page - Renesas Technology Corp H8S/2472 Datasheet HTML 70Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 18 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
PWX0 to
PWX3
ExPWX0
to
ExPWX2
78 to
81, 21,
20, 10
77 to
80, 21,
20, 10
M13,
N15,
M14,
L12,
H3, H4,
E3
Output
14-bit PWM
timer
(PWMX)
ExPWX3
D4
PWM D/A pulse output pins
Pin ExPWX3 is supported only by
the H8S/2472 Group.
TxD1,
TxD3
135, 43 133, 43 A7, N5
Output
Transmit data output pins
RxD1,
RxD3
136, 44 134, 44 B7, P5
Input
Receive data input pins
Serial
communi-
cation
interface
(SCI_1 and
SCI_3)
SCK1,
SCK3
45, 46
45, 46
R5, M6
Input/
Output
Clock input/output pins.
TxDF
16
16
G4
Output
Transmit data output pin
RxDF
15
15
F2
Input
Receive data input pin
CTS
82
81
M15
Input
Transmit grant input pin
RTS
83
82
L13
Output
Transmit request output pin
DTR
95
95
F15
Output
Data terminal ready output pin
DSR
96
96
F14
Input
Data set ready input pin
RI
97
97
E13
Input
Ring indicator input pin
Serial
communi-
cation
interface
with FIFO
(SCIF)
DCD
98
98
E15
Input
Data carrier detection input pin
SSCK
85
84
L15
Input/
Output
SSU clock I/O pin
SSI
139
137
A6
Input/
Output
SSU data I/O pin
SSO
138
136
C6
Input/
Output
SSU data I/O pin
Synchronous
serial
communi-
cation unit
(SSU)
SCS
84
83
L14
Input/
Output
SSU chip select I/O pin
I
2C bus
interface
(IIC)
SCL0 to
SCL5
50, 48,
32, 30,
28, 60
50, 48,
32, 30,
28, 60
M7, R6,
M2, L1,
K1, N10
Input/
Output
IIC clock input/output pins. These
pins can drive a bus directly with
the NMOS open drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com