| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xxiv of xlviii 22.5.2 Operation at Cable Disconnection ........................................................................ 864 22.5.3 Suspend and Resume Operations.......................................................................... 865 22.5.4 Control Transfer.................................................................................................... 870 22.5.5 EP1 Bulk-Out Transfer (Dual FIFOs)................................................................... 876 22.5.6 EP2 Bulk-In Transfer (Dual FIFOs) ..................................................................... 877 22.5.7 EP3 Interrupt-In Transfer...................................................................................... 879 22.6 Processing of USB Standard Commands and Class/Vendor Commands .......................... 880 22.6.1 Processing of Commands Transmitted by Control Transfer................................. 880 22.7 Stall Operations.................................................................................................................. 881 22.7.1 Overview .............................................................................................................. 881 22.7.2 Forcible Stall by Application ................................................................................ 881 22.7.3 Automatic Stall by USB Function Module ........................................................... 883 22.8 DTC Transfer..................................................................................................................... 884 22.8.1 Overview .............................................................................................................. 884 22.8.2 DTC Transfer for Endpoint 1................................................................................ 885 22.8.3 DTC Transfer for Endpoint 2................................................................................ 886 22.8.4 DTC Transfer End Interrupt.................................................................................. 887 22.9 Example of USB External Circuitry .................................................................................. 888 22.10 Usage Notes ....................................................................................................................... 890 22.10.1 Receiving Setup Data............................................................................................ 890 22.10.2 Clearing the FIFO ................................................................................................. 890 22.10.3 Overreading and Overwriting the Data Registers ................................................. 890 22.10.4 Assigning Interrupt Sources to EP0 ...................................................................... 891 22.10.5 Clearing the FIFO When DTC Transfer is Enabled.............................................. 891 22.10.6 Notes on TR Interrupt ........................................................................................... 891 22.10.7 Restrictions on Peripheral Module Clock ( φ) Operating Frequency..................... 892 Section 23 A/D Converter ................................................................................. 893 23.1 Features.............................................................................................................................. 893 23.2 Input/Output Pins ............................................................................................................... 895 23.3 Register Descriptions ......................................................................................................... 896 23.3.1 A/D Data Registers A to H (ADDRA to ADDRH) .............................................. 896 23.3.2 A/D Control/Status Register (ADCSR) ................................................................ 897 23.3.3 A/D Control Register (ADCR) ............................................................................. 899 23.4 Operation ........................................................................................................................... 900 23.4.1 Single Mode.......................................................................................................... 900 23.4.2 Scan Mode ............................................................................................................ 901 23.4.3 Input Sampling and A/D Conversion Time .......................................................... 903 23.4.4 Timing of External Trigger Input ......................................................................... 906 23.5 Interrupt Source ................................................................................................................. 907 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |