Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 15 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 11Page - Renesas Technology Corp H8S/2472 Datasheet HTML 12Page - Renesas Technology Corp H8S/2472 Datasheet HTML 13Page - Renesas Technology Corp H8S/2472 Datasheet HTML 14Page - Renesas Technology Corp H8S/2472 Datasheet HTML 15Page - Renesas Technology Corp H8S/2472 Datasheet HTML 16Page - Renesas Technology Corp H8S/2472 Datasheet HTML 17Page - Renesas Technology Corp H8S/2472 Datasheet HTML 18Page - Renesas Technology Corp H8S/2472 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page xv of xlviii
11.2.1 Timer Counter (TCNT)......................................................................................... 396
11.2.2 Time Constant Register A (TCORA).................................................................... 397
11.2.3 Time Constant Register B (TCORB) .................................................................... 397
11.2.4 Timer Control Register (TCR).............................................................................. 398
11.2.5 Timer Control/Status Register (TCSR)................................................................. 401
11.2.6 Timer Connection Register S (TCONRS)............................................................. 405
11.3
Operation Timing............................................................................................................... 406
11.3.1 TCNT Count Timing............................................................................................. 406
11.3.2 Timing of CMFA and CMFB Setting at Compare-Match .................................... 406
11.3.3 Timing of Counter Clear at Compare-Match ........................................................ 407
11.3.4 Timing of Overflow Flag (OVF) Setting .............................................................. 407
11.4
TMR_0 and TMR_1 Cascaded Connection ....................................................................... 408
11.4.1 16-Bit Count Mode ............................................................................................... 408
11.4.2 Compare-Match Count Mode ............................................................................... 408
11.5
Interrupt Sources................................................................................................................ 409
11.6
Usage Notes ....................................................................................................................... 410
11.6.1 Conflict between TCNT Write and Counter Clear................................................ 410
11.6.2 Conflict between TCNT Write and Increment...................................................... 411
11.6.3 Conflict between TCOR Write and Compare-Match............................................ 412
11.6.4 Switching of Internal Clocks and TCNT Operation.............................................. 413
11.6.5 Mode Setting with Cascaded Connection ............................................................. 414
Section 12 Watchdog Timer (WDT)..................................................................415
12.1
Features .............................................................................................................................. 415
12.2
Input/Output Pins ............................................................................................................... 417
12.3
Register Descriptions ......................................................................................................... 417
12.3.1 Timer Counter (TCNT)......................................................................................... 417
12.3.2 Timer Control/Status Register (TCSR)................................................................. 418
12.4
Operation ........................................................................................................................... 422
12.4.1 Watchdog Timer Mode ......................................................................................... 422
12.4.2 Interval Timer Mode ............................................................................................. 424
12.4.3
RESO Signal Output Timing ................................................................................ 425
12.5
Interrupt Sources................................................................................................................ 426
12.6
Usage Notes ....................................................................................................................... 427
12.6.1 Notes on Register Access...................................................................................... 427
12.6.2 Conflict between Timer Counter (TCNT) Write and Increment........................... 428
12.6.3 Changing Values of CKS2 to CKS0 Bits.............................................................. 428
12.6.4 Changing Value of PSS Bit................................................................................... 428
12.6.5 Switching between Watchdog Timer Mode and Interval Timer Mode................. 429
12.6.6 System Reset by
RESO Signal.............................................................................. 429



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com