Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 64 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 60Page - Renesas Technology Corp H8S/2472 Datasheet HTML 61Page - Renesas Technology Corp H8S/2472 Datasheet HTML 62Page - Renesas Technology Corp H8S/2472 Datasheet HTML 63Page - Renesas Technology Corp H8S/2472 Datasheet HTML 64Page - Renesas Technology Corp H8S/2472 Datasheet HTML 65Page - Renesas Technology Corp H8S/2472 Datasheet HTML 66Page - Renesas Technology Corp H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp H8S/2472 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 16 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
AD15 to
AD8
4 to 2,
140,
99 to
102
4 to 2,
138,
99 to
102
C2, B1,
C3, B6,
E14,
E12,
D15,
D14
8 bit bus or upper 8 bits of 16-bit
bus
Address-
data
multiplex bus
AD7 to
AD0
103 to
109,
111
103 to
109,
111
D13,
C15,
D12,
C14,
B15,
B14,
A15,
A14
Input/
Output
Lower 8 bits of 16-bit bus
NMI
11
11
E2
Input
Nonmaskable interrupt request
input pin
IRQ15 to
IRQ0
79, 78,
139,
138,
136,
135, 15,
16,
4 to 2,
140,
132 to
129
78, 77,
137,
136,
134,
133, 15,
16,
4 to 2,
138,
132 to
129
N15,
M13,
A6, C6,
B7, D6,
F2, G4,
C2, B1,
C3, B6,
B8, A8,
C8, D8
Input
These pins are used to request
maskable interrupts.
Either
IRQn or ExIRQn can be
selected as the IRQn interrupt
signal input pin.
Interrupts
ExIRQ15
to
ExIRQ0
43 to
46, 82
to 85,
33 to
35,
37 to 41
43 to
46, 81
to 84,
33 to
35,
37 to 41
N5, P5,
R5, M6,
M15,
L13,
L14,
L15,
M3, N1,
M4, P1,
P2, N3,
P3, R3
Input
These pins are used to request
maskable interrupts.
Either
IRQn or ExIRQn can be
selected as the IRQn interrupt
signal input pin.
Bus control
WAIT
17
17
G3
Input
Requests wait state insertion to
bus cycles when an external tri-
state address space is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com