Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 2Page - Renesas Technology Corp H8S/2472 Datasheet HTML 3Page - Renesas Technology Corp H8S/2472 Datasheet HTML 4Page - Renesas Technology Corp H8S/2472 Datasheet HTML 5Page - Renesas Technology Corp H8S/2472 Datasheet HTML 6Page - Renesas Technology Corp H8S/2472 Datasheet HTML 7Page - Renesas Technology Corp H8S/2472 Datasheet HTML 8Page - Renesas Technology Corp H8S/2472 Datasheet HTML 9Page - Renesas Technology Corp H8S/2472 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page vi of xlviii
Preface
The H8S/2472 Group, H8S/2463 Group, and H8S/2462 Group products are single-chip
microcomputers made up of the high-speed H8S/2600 CPU employing Renesas Technology
original architecture as its core, and the peripheral functions required to configure a system. The
H8S/2600 CPU has an instruction set that is compatible with the H8/300 and H8/300H CPUs.
Target Users: This manual was written for users who will be using the H8S/2472 Group,
H8S/2463 Group, and H8S/2462 Group in the design of application systems. Target
users are expected to understand the fundamentals of electrical circuits, logical
circuits, and microcomputers.
Objective:
This manual was written to explain the hardware functions and electrical
characteristics of the H8S/2472 Group, H8S/2463 Group, and H8S/2462 Group to
the target users.
Refer to the H8S/2600 Series, H8S/2000 Series Software Manual for a
detailed description of the instruction set.
Notes on reading this manual:
• In order to understand the overall functions of the chip
Read the manual according to the contents. This manual can be roughly categorized into parts
on the CPU, system control functions, peripheral functions and electrical characteristics.
• In order to understand the details of the CPU's functions
Read the H8S/2600 Series, H8S/2000 Series Software Manual.
• In order to understand the details of a register when its name is known
Read the index that is the final part of the manual to find the page number of the entry on the
register. The addresses, bits, and initial values of the registers are summarized in section 29,
List of Registers.
Examples:
Register name:
The following notation is used for cases when the same or a
similar function, e.g. 16-bit timer pulse unit or serial
communication, is implemented on more than one channel:
XXX_N (XXX is the register name and N is the channel
number)
Bit order:
The MSB is on the left and the LSB is on the right.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com