| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 31 Page - Renesas Technology Corp |
|
31 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xxxi of xlviii Figure 7.5 Memory Mapping in Normal Mode ......................................................................... 178 Figure 7.6 Memory Mapping in Repeat Mode .......................................................................... 179 Figure 7.7 Memory Mapping in Block Transfer Mode ............................................................. 180 Figure 7.8 Chain Transfer Operation......................................................................................... 181 Figure 7.9 DTC Operation Timing (Example in Normal Mode or Repeat Mode) .................... 182 Figure 7.10 DTC Operation Timing (Example of Block Transfer Mode, with Block Size of 2).............................................................................................. 183 Figure 7.11 DTC Operation Timing (Example of Chain Transfer) ........................................... 183 Section 8 I/O Ports Figure 8.1 Noise Canceler Circuit ............................................................................................. 205 Figure 8.2 Noise Canceler Operation ........................................................................................ 206 Figure 8.3 Noise Canceler Circuit ............................................................................................. 212 Figure 8.4 Noise Canceler Operation ........................................................................................ 212 Figure 8.5 Noise Canceler Circuit ............................................................................................. 251 Figure 8.6 Noise Canceler Operation ........................................................................................ 252 Figure 8.7 Noise Canceler Circuit ............................................................................................. 288 Figure 8.8 Noise Canceler Operation ........................................................................................ 289 Figure 8.9 Noise Canceler Circuit ............................................................................................. 295 Figure 8.10 Noise Canceler Operation ...................................................................................... 295 Figure 8.11 Noise Canceler Circuit ........................................................................................... 335 Figure 8.12 Noise Canceler Operation ...................................................................................... 336 Section 9 14-Bit PWM Timer (PWMX) Figure 9.1 PWMX (D/A) Block Diagram ................................................................................. 359 Figure 9.2 PWMX (D/A) Operation.......................................................................................... 367 Figure 9.3 Output Waveform (OS = 0, DADR corresponds to TL) ........................................... 370 Figure 9.4 Output Waveform (OS = 1, DADR corresponds to TH)........................................... 371 Figure 9.5 D/A Data Register Configuration when CFS = 1 ..................................................... 371 Figure 9.6 Output Waveform when DADR = H'0207 (OS = 1) ................................................ 372 Section 10 16-Bit Free-Running Timer (FRT) Figure 10.1 Block Diagram of 16-Bit Free-Running Timer ...................................................... 376 Figure 10.2 Increment Timing with Internal Clock Source ....................................................... 383 Figure 10.3 Timing of Output Compare A Output .................................................................... 383 Figure 10.4 Clearing of FRC by Compare-Match A Signal ...................................................... 384 Figure 10.5 Timing of Output Compare Flag (OCFA or OCFB) Setting.................................. 384 Figure 10.6 Timing of Overflow Flag (OVF) Setting................................................................ 385 Figure 10.7 OCRA Automatic Addition Timing ....................................................................... 386 Figure 10.8 Conflict between FRC Write and Clear.................................................................. 387 Figure 10.9 Conflict between FRC Write and Increment .......................................................... 388 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |