Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 71 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp H8S/2472 Datasheet HTML 68Page - Renesas Technology Corp H8S/2472 Datasheet HTML 69Page - Renesas Technology Corp H8S/2472 Datasheet HTML 70Page - Renesas Technology Corp H8S/2472 Datasheet HTML 71Page - Renesas Technology Corp H8S/2472 Datasheet HTML 72Page - Renesas Technology Corp H8S/2472 Datasheet HTML 73Page - Renesas Technology Corp H8S/2472 Datasheet HTML 74Page - Renesas Technology Corp H8S/2472 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 23 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
P67 to
P60
85 to 78 84 to 77 L15,
L14,
L13,
M15,
L12,
M14,
N15,
M13
Input/
Output
8-bit input/output pins
P77 to
P70
75 to 68 75 to 68 N13,
R15,
P14,
R14,
P13,
M12,
R13,
N12
Input
8-bit input pins
P87 to
P80
43 to 50 43 to 50 N5, P5,
R5, M6,
N6, R6,
P6, M7
Input/
Output
8-bit input/output pins
P97 to
P90
17 to 24 17 to 24 G3, G1,
G2, H4,
H3, H2,
J4, J3
Input/
Output
8-bit input/output pins
PA7 to
PA0
33 to
35, 37
to 41
33 to
35, 37
to 41
M3, N1,
M4, P1,
P2, N3,
P3, R3
Input/
Output
8-bit input/output pins
PB7 to
PB0
112 to
119
112 to
119
B13,
C12,
A13,
B12,
D11,
A12,
C11,
B11
Input/
Output
8-bit input/output pins
I/O ports
PC7 to
PC0
25 to 32 25 to 32 J2, K4,
K3, K1,
K2, L1,
L4, M2
Input/
Output
8-bit input/output pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com