Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 68 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 64Page - Renesas Technology Corp H8S/2472 Datasheet HTML 65Page - Renesas Technology Corp H8S/2472 Datasheet HTML 66Page - Renesas Technology Corp H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp H8S/2472 Datasheet HTML 68Page - Renesas Technology Corp H8S/2472 Datasheet HTML 69Page - Renesas Technology Corp H8S/2472 Datasheet HTML 70Page - Renesas Technology Corp H8S/2472 Datasheet HTML 71Page - Renesas Technology Corp H8S/2472 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 20 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
GA20
63
63
N11
Input/
Output
GATE A20 control signal output
pin; also used as the input pin for
monitoring the output state.
CLKRUN 62
62
P10
Input/
Output
Input/output pin used to request
starting the LCLK operation while
LCLK is stopped.
LPC
Interface
(LPC)
LPCPD
61
61
R10
Input
Input pin used to control shutdown
of the LCP module
RM_REF-
CLK
114
114
A13
Input
Transmit/receive Clock
RM_TX-
EN
115
115
B12
Output
Transmit enable
RM_TXD1
RM_TXD0
118
119
118
119
C11
B11
Output
Output
Transmit data
RM_CRS-
DV
113
113
C12
Input
Carrier detection/receive data valid
RM_RXD1
RM_RXD0
116
117
116
117
D11
A12
Input
Input
Receive data
RM_RX-
ER
112
112
B13
Input
Receive error
MDC
92
92
G15
Input
Management data clock
MDIO
93
93
G14
Input/
Output
Management data I/O
LNKSTA
34
34
N1
Input
Link status
EXOUT
33
33
M3
Output
General-purpose external output
Ethernet
controller
(EtherC)
WOL
35
35
M4
Output
Wake-on-LAN
VBUS
J14
Input
USB cable connection monitor pin
USD+
K14
Input/
Output
USB data I/O pin
USD
−
K15
Input/
Output
USB data I/O pin
DrVcc
K13
Input
Power supply pin for USB built-in
transceiver
DrVss
J13
Input
Ground pin for USB built-in
transceiver
USB function
module
(USB)
PUPDPLS 
J15
Output
USB+ pull-up control pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com