| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 44 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 44 Page - Renesas Technology Corp |
|
44 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xliv of xlviii Table 13.11 SSR Status Flags and Receive Data Handling ....................................................... 459 Table 13.12 SCI Interrupt Sources............................................................................................. 489 Table 13.13 SCI Interrupt Sources............................................................................................. 490 Section 15 Serial Communication Interface with FIFO (SCIF) Table 15.1 Pin Configuration..................................................................................................... 509 Table 15.2 Register Access ........................................................................................................ 510 Table 15.3 Interrupt Control Function ....................................................................................... 515 Table 15.4 SCIF Output Setting................................................................................................. 527 Table 15.5 Example of Baud Rate Settings................................................................................ 528 Table 15.6 Correspondence Between LPC Interface I/O Address and the SCIF Registers ....... 539 Table 15.7 Register States.......................................................................................................... 540 Table 15.8 Interrupt Sources ...................................................................................................... 541 Table 15.9 Interrupt Source, Vector Address, and Interrupt Priority ......................................... 541 Section 16 Serial Pin Multiplexed Modes Table 16.1 Pin Configuration..................................................................................................... 544 Section 17 Synchronous Serial Communication Unit (SSU) Table 17.1 Pin Configuration..................................................................................................... 555 Table 17.2 Communication Modes and Pin States of SSI and SSO Pins................................... 568 Table 17.3 Communication Modes and Pin States of SSCK Pin ............................................... 569 Table 17.4 Communication Modes and Pin States of SCS Pin.................................................. 569 Table 17.5 Interrupt Sources ...................................................................................................... 585 Section 18 I2C Bus Interface (IIC) Table 18.1 Pin Configuration..................................................................................................... 590 Table 18.2 Transfer Format........................................................................................................ 594 Table 18.3 I2C bus Transfer Rate (1) ......................................................................................... 598 Table 18.3 I2C bus Transfer Rate (2) ......................................................................................... 599 Table 18.4 Flags and Transfer States (Master Mode) ................................................................ 606 Table 18.5 Flags and Transfer States (Slave Mode)................................................................... 607 Table 18.6 Output Data Hold Time............................................................................................ 618 Table 18.7 ISCMBCR Setting.................................................................................................... 618 Table 18.8 I2C Bus Data Format Symbols ................................................................................. 620 Table 18.9 Examples of Operation Using the DTC ................................................................... 649 Table 18.10 IIC Interrupt Source ............................................................................................... 652 Table 18.11 I2C Bus Timing (SCL and SDA Outputs) .............................................................. 653 Table 18.12 Permissible SCL Rise Time (tsr) Values................................................................. 654 Table 18.13 I2C Bus Timing (with Maximum Influence of tSr/tSf)............................................. 656 Section 19 LPC Interface (LPC) Table 19.1 Pin Configuration..................................................................................................... 670 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |