Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 65 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 61Page - Renesas Technology Corp H8S/2472 Datasheet HTML 62Page - Renesas Technology Corp H8S/2472 Datasheet HTML 63Page - Renesas Technology Corp H8S/2472 Datasheet HTML 64Page - Renesas Technology Corp H8S/2472 Datasheet HTML 65Page - Renesas Technology Corp H8S/2472 Datasheet HTML 66Page - Renesas Technology Corp H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp H8S/2472 Datasheet HTML 68Page - Renesas Technology Corp H8S/2472 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 17 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
RD
25
25
J2
Output
Low level on this pin indicates that
the MCU is reading from an
external address space.
HWR
6
6
C1
Output
Low level on this pin indicates that
the MCU is writing to an external
address space.
The upper byte of the data bus is
valid.
LWR
26
26
K4
Output
Low level on this pin indicates that
the MCU is writing to an external
address space.
The lower byte of the data bus is
valid.
AS/IOS
19
19
G2
Output
Low level on this pin indicates that
the address output on the address
bus is valid.
Bus control
CS256
17
17
G3
Output
Indicates access to the 256-Kbyte
area of H'F80000 to H'FBFFFF.
WR
6
6
C1
Output
Low level on this pin indicates that
the MCU is writing to an external
address space.
HBE
22
22
H2
Output
Low level on this pin indicates that
the MCU is accessing an external
address space.
The upper byte of the data bus is
valid.
LBE
24
24
J3
Output
Low level on this pin indicates that
the MCU is accessing an external
address space.
The lower byte of the data bus is
valid.
Bus control
AH
23
23
J4
Output
Address latch signal for the
address-data multiplex bus
ETRST
91
90
G12
Input
ETMS
87
86
H12
Input
ETDO
88
87
H13
Output
ETDI
89
88
H15
Input
Boundary
scan
ETCK
90
89
H14
Input
Boundary scan interface pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com