Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 69 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 65Page - Renesas Technology Corp H8S/2472 Datasheet HTML 66Page - Renesas Technology Corp H8S/2472 Datasheet HTML 67Page - Renesas Technology Corp H8S/2472 Datasheet HTML 68Page - Renesas Technology Corp H8S/2472 Datasheet HTML 69Page - Renesas Technology Corp H8S/2472 Datasheet HTML 70Page - Renesas Technology Corp H8S/2472 Datasheet HTML 71Page - Renesas Technology Corp H8S/2472 Datasheet HTML 72Page - Renesas Technology Corp H8S/2472 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 1250 page
background image
Section 1 Overview
Rev. 2.00 Aug. 20, 2008 Page 21 of 1198
REJ09B0403-0200
Pin No.
Type
Symbol
H8S/2462
144-Pin
H8S/2463
144-Pin
H8S/2472
176-Pin
I/O
Name and Function
Event
Counter
EVENT15
to
EVENT0
112 to
119,
33 to
35, 37
to 41
112 to
119,
33 to
35, 37
to 41
B13,
C12,
A13,
B12,
D11,
A12,
C11,
B11,
M3, N1,
M4, P1,
P2, N3,
P3, R3
Input
Event counter input pins
RS14
10
10
E3
RS13 to
RS10
A4, B4,
D4, G13
Retain state
output pins
RS9 to
RS0
92, 93,
4 to 2,
140,
132 to
129
92,93,4
to 2,
138,
132 to
129
G15,
G14,
C2, B1,
C3, B6,
B8, A8,
C8, D8
Output
Retain state output pins.
The outputs on these pins are only
initialized by a system reset.
Pins RS13 to RS10 are supported
only by the H8S/2472 Group.
DB7 to
DB0
4 to 2,
140,
116 to
119
4 to 2,
138,
116 to
119
C2, B1,
C3, B6,
D11,
A12,
C11,
B11
Debounced
input pins
ExDB7 to
ExDB0
128 to
121
128 to
121
B9, A9,
C9, D9,
B10,
A10,
C10,
D10
Input
Pins with noise eliminating
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com