| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 43 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 43 Page - Renesas Technology Corp |
|
43 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xliii of xlviii Table 8.9 Port Functions ............................................................................................................ 273 Table 8.10 Port 1 Input Pull-Up MOS States ............................................................................. 279 Table 8.11 Port 2 Input Pull-Up MOS States ............................................................................. 284 Table 8.12 Port 3 Input Pull-Up MOS States ............................................................................. 290 Table 8.13 Port 4 Input Pull-Up MOS States ............................................................................. 298 Table 8.14 Port 6 Input Pull-Up MOS States ............................................................................. 310 Table 8.15 Input Pull-Up MOS States........................................................................................ 331 Table 8.16 Port D Input Pull-Up MOS States ............................................................................ 347 Section 9 14-Bit PWM Timer (PWMX) Table 9.1 Pin Configuration ....................................................................................................... 360 Table 9.2 Clock Select of PWMX_1 and PWMX_0.................................................................. 365 Table 9.3 Settings and Operation (Examples when φ = 34 MHz)..............................................368 Table 9.4 Locations of Additional Pulses Added to Base Pulse (When CFS = 1) ..................... 373 Section 10 16-Bit Free-Running Timer (FRT) Table 10.1 FRT Interrupt Sources........................................................................................... 386 Table 10.2 Switching of Internal Clock and FRC Operation .................................................. 391 Section 11 8-Bit Timer (TMR) Table 11.1 (1) Clock Input to TCNT and Count Condition (TMR_0) ....................................... 399 Table 11.1 (2) Clock Input to TCNT and Count Condition (TMR_1) ....................................... 400 Table 11.1 (3) Clock Input to TCNT and Count Condition (TMR_X, TMR_Y)....................... 400 Table 11.2 Registers Accessible by TMR_X/TMR_Y............................................................... 405 Table 11.3 Interrupt Sources of 8-Bit Timers TMR_0, TMR_1, TMR_Y, and TMR_X........... 409 Table 11.4 Switching of Internal Clocks and TCNT Operation................................................. 413 Section 12 Watchdog Timer (WDT) Table 12.1 Pin Configuration ..................................................................................................... 417 Table 12.2 WDT Interrupt Source.............................................................................................. 426 Section 13 Serial Communication Interface (SCI) Table 13.1 Pin Configuration ..................................................................................................... 434 Table 13.2 Relationships between N Setting in BRR and Bit Rate B ........................................ 447 Table 13.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) ............... 448 Table 13.4 Maximum Bit Rate for Each Frequency (Asynchronous Mode).............................. 448 Table 13.5 Maximum Bit Rate with External Clock Input (Asynchronous Mode).................... 448 Table 13.6 BRR Settings for Various Bit Rates (Clock Synchronous Mode)............................ 449 Table 13.7 Maximum Bit Rate with External Clock Input (Clock Synchronous Mode) ........... 450 Table 13.8 BRR Settings for Various Bit Rates (Smart Card Interface Mode, n = 0, s = 372) .................................................................................................................... 450 Table 13.9 Maximum Bit Rate for Each Frequency (Smart Card Interface Mode, S = 372) ..... 450 Table 13.10 Serial Transfer Formats (Asynchronous Mode) ..................................................... 452 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |