Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 78 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 74Page - Renesas Technology Corp H8S/2472 Datasheet HTML 75Page - Renesas Technology Corp H8S/2472 Datasheet HTML 76Page - Renesas Technology Corp H8S/2472 Datasheet HTML 77Page - Renesas Technology Corp H8S/2472 Datasheet HTML 78Page - Renesas Technology Corp H8S/2472 Datasheet HTML 79Page - Renesas Technology Corp H8S/2472 Datasheet HTML 80Page - Renesas Technology Corp H8S/2472 Datasheet HTML 81Page - Renesas Technology Corp H8S/2472 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 1250 page
background image
Section 2 CPU
Rev. 2.00 Aug. 20, 2008 Page 30 of 1198
REJ09B0403-0200
2.2.2
Advanced Mode
• Address Space
Linear access to a 16-Mbyte maximum address space is provided.
• Extended Registers (En)
The extended registers (E0 to E7) can be used as 16-bit registers, or as the upper 16-bit
segments of 32-bit registers or address registers.
• Instruction Set
All instructions and addressing modes can be used.
• Exception Vector Table and Memory Indirect Branch Addresses
In advanced mode, the top area starting at H'00000000 is allocated to the exception vector
table in units of 32 bits. In each 32 bits, the upper 8 bits are ignored and a branch address is
stored in the lower 24 bits (figure 2.3). For details of the exception vector table, see section 4,
Exception Handling.
H'00000000
H'00000003
H'00000004
H'0000000B
H'0000000C
H'00000010
H'00000008
H'00000007
Reserved
Reserved
Reserved
Reserved
Reserved
Exception vector 1
Exception vector 2
Exception vector 3
Exception vector 4
Exception vector table
Exception vector 5
Figure 2.3 Exception Vector Table (Advanced Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com