| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 10 Page - Renesas Technology Corp |
|
10 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page x of xlviii 2.7.6 Immediate #xx:8, #xx:16, or #xx:32.................................................................... 55 2.7.7 Program-Counter Relative @(d:8, PC) or @(d:16, PC)....................................... 55 2.7.8 Memory Indirect @@aa:8 ................................................................................... 56 2.7.9 Effective Address Calculation ................................................................................ 57 2.8 Processing States.................................................................................................................. 59 2.9 Usage Note........................................................................................................................... 61 2.9.1 Notes on Using the Bit Operation Instruction......................................................... 61 Section 3 MCU Operating Modes ....................................................................... 63 3.1 Operating Mode Selection ................................................................................................... 63 3.2 Register Descriptions ...........................................................................................................64 3.2.1 Mode Control Register (MDCR) ............................................................................ 64 3.2.2 System Control Register (SYSCR) ......................................................................... 65 3.2.3 Serial Timer Control Register (STCR) ................................................................... 66 3.3 Operating Mode Descriptions .............................................................................................. 68 3.3.1 Mode 2.................................................................................................................... 68 3.4 Address Map ........................................................................................................................ 69 Section 4 Exception Handling ............................................................................. 71 4.1 Exception Handling Types and Priority............................................................................... 71 4.2 Exception Sources and Exception Vector Table .................................................................. 72 4.3 Reset .................................................................................................................................... 74 4.3.1 Reset Exception Handling ...................................................................................... 74 4.3.2 Interrupts after Reset............................................................................................... 75 4.3.3 On-Chip Peripheral Modules after Reset is Cancelled............................................ 75 4.4 Interrupt Exception Handling............................................................................................... 76 4.5 Trap Instruction Exception Handling................................................................................... 76 4.6 Stack Status after Exception Handling................................................................................. 77 4.7 Usage Note........................................................................................................................... 78 Section 5 Interrupt Controller.............................................................................. 79 5.1 Features................................................................................................................................ 79 5.2 Input/Output Pins ................................................................................................................. 80 5.3 Register Descriptions ...........................................................................................................81 5.3.1 Interrupt Control Registers A to D (ICRA to ICRD) .............................................. 81 5.3.2 Address Break Control Register (ABRKCR) ......................................................... 82 5.3.3 Break Address Registers A to C (BARA to BARC)............................................... 83 5.3.4 IRQ Sense Control Registers (ISCR16H, ISCR16L, ISCRH, ISCRL)................... 84 5.3.5 IRQ Enable Registers (IER16, IER) ....................................................................... 86 5.3.6 IRQ Status Registers (ISR16, ISR) ......................................................................... 87 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |