Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2472 Datasheet(PDF) 40 Page - Renesas Technology Corp

No. de pieza H8S/2472
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 36Page - Renesas Technology Corp H8S/2472 Datasheet HTML 37Page - Renesas Technology Corp H8S/2472 Datasheet HTML 38Page - Renesas Technology Corp H8S/2472 Datasheet HTML 39Page - Renesas Technology Corp H8S/2472 Datasheet HTML 40Page - Renesas Technology Corp H8S/2472 Datasheet HTML 41Page - Renesas Technology Corp H8S/2472 Datasheet HTML 42Page - Renesas Technology Corp H8S/2472 Datasheet HTML 43Page - Renesas Technology Corp H8S/2472 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 1250 page
background image
Rev. 2.00 Aug. 20, 2008 Page xl of xlviii
Figure 31.28 SSU Timing (Master, CPHS = 1) ....................................................................... 1150
Figure 31.29 SSU Timing (Master, CPHS = 0) ....................................................................... 1151
Figure 31.30 SSU Timing (Slave, CPHS = 1) ......................................................................... 1151
Figure 31.31 SSU Timing (Slave, CPHS = 0) ......................................................................... 1152
Figure 31.32 I2C Bus Interface Input/Output Timing .............................................................. 1154
Figure 31.33 LPC Interface (LPC) Timing.............................................................................. 1155
Figure 31.34 Timing of RM_REF-CLK and RMII Signals..................................................... 1156
Figure 31.35 RMII Transmit Timing....................................................................................... 1157
Figure 31.36 RMII Receive Timing (Normal Operation)........................................................ 1157
Figure 31.37 RMII Receive Timing (When an Error is Detected) .......................................... 1157
Figure 31.38 MDIO Input Timing ........................................................................................... 1158
Figure 31.39 MDIO Output Timing ........................................................................................ 1158
Figure 31.40 WOL Output Timing .......................................................................................... 1158
Figure 31.41 Data Signal Timing ............................................................................................ 1160
Figure 31.42 Load Condition................................................................................................... 1160
Figure 31.43 JTAG ETCK Timing .......................................................................................... 1161
Figure 31.44 Reset Hold Timing ............................................................................................. 1162
Figure 31.45 JTAG Input/Output Timing................................................................................ 1162
Figure 31.46 Connecting Capacitors to VCC and VCL Pins................................................... 1165
Appendix
Figure C.1 Package Dimensions (PLBGA0176GA-A) ........................................................... 1171
Figure C.2 Package Dimensions (PLQP0144KA-A)............................................................... 1172
Figure C.3 Package Dimensions (PTQP0144LC-A) ............................................................... 1173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com