| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/2472 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2472 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 1250 page ![]() Rev. 2.00 Aug. 20, 2008 Page xxxii of xlviii Figure 10.10 Conflict between OCR Write and Compare-Match (When Automatic Addition Function is Not Used).............................................. 389 Figure 10.11 Conflict between OCR Write and Compare-Match (When Automatic Addition Function is Used)..................................................... 390 Section 11 8-Bit Timer (TMR) Figure 11.1 Block Diagram of 8-Bit Timer (TMR_0 and TMR_1)........................................... 394 Figure 11.2 Block Diagram of 8-Bit Timer (TMR_Y and TMR_X) ......................................... 395 Figure 11.3 Count Timing for Internal Clock Input................................................................... 406 Figure 11.4 Timing of CMF Setting at Compare-Match ........................................................... 406 Figure 11.5 Timing of Counter Clear by Compare-Match ........................................................ 407 Figure 11.6 Timing of OVF Flag Setting .................................................................................. 407 Figure 11.7 Conflict between TCNT Write and Counter Clear ................................................. 410 Figure 11.8 Conflict between TCNT Write and Increment ....................................................... 411 Figure 11.9 Conflict between TCOR Write and Compare-Match ............................................. 412 Section 12 Watchdog Timer (WDT) Figure 12.1 Block Diagram of WDT ......................................................................................... 416 Figure 12.2 Watchdog Timer Mode (RST/ NMI = 1) Operation................................................423 Figure 12.3 Interval Timer Mode Operation.............................................................................. 424 Figure 12.4 OVF Flag Set Timing ............................................................................................. 424 Figure 12.5 Output Timing of RESO signal ..............................................................................425 Figure 12.6 Writing to TCNT and TCSR (WDT_0).................................................................. 427 Figure 12.7 Conflict between TCNT Write and Increment ....................................................... 428 Figure 12.8 Sample Circuit for Resetting the System by the RESO Signal...............................429 Section 13 Serial Communication Interface (SCI) Figure 13.1 Block Diagram of SCI_1 and SCI_3 ...................................................................... 433 Figure 13.2 Data Format in Asynchronous Communication (Example with 8-Bit Data, Parity, Two Stop Bits)................................................. 451 Figure 13.3 Receive Data Sampling Timing in Asynchronous Mode ....................................... 453 Figure 13.4 Relation between Output Clock and Transmit Data Phase (Asynchronous Mode)............................................................................................ 454 Figure 13.5 Sample SCI Initialization Flowchart ...................................................................... 455 Figure 13.6 Example of Operation in Transmission in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit) ................................................... 456 Figure 13.7 Sample Serial Transmission Flowchart .................................................................. 457 Figure 13.8 Example of SCI Operation in Reception (Example with 8-Bit Data, Parity, One Stop Bit) ................................................... 458 Figure 13.9 Sample Serial Reception Flowchart (1).................................................................. 460 Figure 13.9 Sample Serial Reception Flowchart (2).................................................................. 461 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |